Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3480BCPI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3480BCPI
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480BCPI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3480BCPI Datasheet HTML 1Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 2Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 3Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 4Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 5Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 6Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 7Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX3480BCPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
4
_______________________________________________________________________________________
Note 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to
logic-side ground (GND1, GND2), unless otherwise specified.
Note 2: For DE
´ and DI´ pin descriptions, see Detailed Block Diagram and Typical Application Circuit (Figure 1 for
MAX3480A/MAX3480B).
Note 3: Shutdown supply current is the current at VCC1 when shutdown is enabled.
Note 4: Applies to peak current. See
Typical Operating Characteristics and Applications Information.
SWITCHING CHARACTERISTICS—MAX3480B
(VCC = VCC1 = VCC2 = VCC4 =VCC5 = 3.0V to 3.6V, FS = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VCC = VCC1 = VCC2 = VCC4 = VCC5 = 3.3V and TA = +25°C.)
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
tPLH - tPHLDifferential
Receiver Skew
tPLH
1.0
2.0
Driver Input to Output
Propagation Delay
µs
Driver Output Skew
tSKEW
100
800
ns
Driver Rise or Fall Time
tR, tF
1.0
2.0
µs
Driver Enable to Output High
tZH
50
100
µs
Driver Enable to Output Low
tZL
50
100
µs
Driver Disable Time from Low
tLZ
13
50
µs
CONDITIONS
Figures 4, 6; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 5, 7; CL = 100pF, S2 closed
Figures 5, 7; CL = 100pF, S1 closed
Figures 4, 6; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 4, 6; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 5, 7; CL = 15pF, S1 closed
Driver Disable Time from High
tHZ
13
50
µs
Figures 5, 7; CL = 15pF, S2 closed
tSKD
tPLH
0.8
2.0
Receiver Input to Output
Propagation Delay
tPHL
0.8
2.0
µs
Figures 4, 8; RDIFF = 54Ω,
CL1 = CL2 = 100pF
50
Figures 4, 8; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Maximum Data Rate
fMAX
0.25
Mbps
tPLH, tPHL < 50% of data period
tPHL
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com