Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRAMY20UP60B Datasheet(PDF) 7 Page - International Rectifier

Part # IRAMY20UP60B
Description  Temperature Monitor and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMY20UP60B Datasheet(HTML) 7 Page - International Rectifier

Back Button IRAMY20UP60B Datasheet HTML 3Page - International Rectifier IRAMY20UP60B Datasheet HTML 4Page - International Rectifier IRAMY20UP60B Datasheet HTML 5Page - International Rectifier IRAMY20UP60B Datasheet HTML 6Page - International Rectifier IRAMY20UP60B Datasheet HTML 7Page - International Rectifier IRAMY20UP60B Datasheet HTML 8Page - International Rectifier IRAMY20UP60B Datasheet HTML 9Page - International Rectifier IRAMY20UP60B Datasheet HTML 10Page - International Rectifier IRAMY20UP60B Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IRAMY20UP60B
www.irf.com
7
LIN1,2,3
HIN1,2,3
t
fltclr
50%
U,V,W
I
BUS_trip
6
µs
1
µs
I
BUS
Sequence of events:
1-2) Current begins to rise
2) Current reaches I
BUS_Trip level
2-3) Current is higher than I
BUS_Trip for at least 6µs. This value is the worst-case condition with very low
over-current. In case of high current (short circuit), the actual delay will be smaller.
3-4) Delay between driver identification of over-current condition and disabling of all outputs
4) Current starts decreasing, eventually reaching 0
5) Current goes below I
BUS_trip, the driver starts its auto-reset sequence
6) Driver is automatically reset and normal operation can resume (over-current condition must be removed
by the time the drivers automatically resets itself)
3
4
2
1
5
6
Note 5: The shaded area indicates that both high-side and low-side switches are off and therefore the half-bridge output
voltage would be determined by the direction of current flow in the load.
Figure 2. I
Trip Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com