Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRAMY20UP60B Datasheet(PDF) 13 Page - International Rectifier

Part # IRAMY20UP60B
Description  Temperature Monitor and Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMY20UP60B Datasheet(HTML) 13 Page - International Rectifier

Back Button IRAMY20UP60B Datasheet HTML 8Page - International Rectifier IRAMY20UP60B Datasheet HTML 9Page - International Rectifier IRAMY20UP60B Datasheet HTML 10Page - International Rectifier IRAMY20UP60B Datasheet HTML 11Page - International Rectifier IRAMY20UP60B Datasheet HTML 12Page - International Rectifier IRAMY20UP60B Datasheet HTML 13Page - International Rectifier IRAMY20UP60B Datasheet HTML 14Page - International Rectifier IRAMY20UP60B Datasheet HTML 15Page - International Rectifier IRAMY20UP60B Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IRAMY20UP60B
www.irf.com
13
Figure 10. Recommended Bootstrap Capacitor Value vs. Switching Frequency
0
5
10
15
20
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
6.8µF
R
BS
D
BS
C
BS
R
G1
R
G2
V
S
H
O
L
O
COM
v
B
V
CC
H
IN
L
IN
+15V
V
SS
V+
H
IN
L
IN
U,V,W
GND
V
SS
3.3µF
4.7µF
10µF
PWM Frequency - kHz
15µF
Figure 9. Thermistor Readout vs. Temperature (12kohm pull-up resistor, 5V) and
Nominal Thermistor Resistance values vs. Temperature Table.
-40
-40 -30 -20
-20 -10
0010
20
20
30
40
40
50
60
60
70
80
80
90 100
100 110 120
120 130
0.5
1.0
1.0
1.5
2.0
2.0
2.5
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
+5V
VTherm
RTherm
REXT
Thermistor Temperature - °C
Min
Avg.
Max
TTHERM RTHERM TTHERM RTHERM TTHERM RTHERM
°C
Ω
°C
Ω
°C
Ω
-40
4397119
25
100000
90
7481
-35
3088599
30
79222
95
6337
-30
2197225
35
63167
100
5384
-25
1581881
40
50677
105
4594
-20
1151037
45
40904
110
3934
-15
846579
50
33195
115
3380
-10
628988
55
27091
120
2916
-5
471632
60
22224
125
2522
0
357012
65
18322
130
2190
5
272500
70
15184
135
1907
10
209710
75
12635
140
1665
15
162651
80
10566
145
1459
20
127080
85
8873
150
1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com