Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRAUDPS3 Datasheet(PDF) 2 Page - International Rectifier

Part # IRAUDPS3
Description  Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDPS3 Datasheet(HTML) 2 Page - International Rectifier

  IRAUDPS3 Datasheet HTML 1Page - International Rectifier IRAUDPS3 Datasheet HTML 2Page - International Rectifier IRAUDPS3 Datasheet HTML 3Page - International Rectifier IRAUDPS3 Datasheet HTML 4Page - International Rectifier IRAUDPS3 Datasheet HTML 5Page - International Rectifier IRAUDPS3 Datasheet HTML 6Page - International Rectifier IRAUDPS3 Datasheet HTML 7Page - International Rectifier IRAUDPS3 Datasheet HTML 8Page - International Rectifier IRAUDPS3 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev. 1.2
6/23/2015
International Rectifier
Page 2 of 20
PROPRIETARY INFORMATION - This document and the information contained therein are proprietary and are not to be reproduced, used or disclosed
to others for manufacture or any other purpose except as specifically authorized in writing by
INTERNATIONAL RECTIFIER.
Table of Contents
1 
INTRODUCTION........................................................................................................................3 
2 
IRS27951/2 DESCRIPTION.......................................................................................................3 
3 
EVALUATION BOARD SPECIFICATIONS ................................................................................4 
3.1  Board Description ...................................................................................................................5 
3.2  Schematic...............................................................................................................................6 
3.3  Board PCB Layout ..................................................................................................................7 
3.4  Bill of Materials .......................................................................................................................8 
4 
EVALUATION BOARD OPERATING PROCEDURE ...............................................................10 
4.1  Load Connection ..................................................................................................................11 
4.2  AC Input................................................................................................................................11 
4.3  IRS27952 DC Supply Voltage ..............................................................................................11 
4.4  Disconnect the Board ...........................................................................................................11 
5 
SYSTEM PERFORMANCE CHARACTERIZATION ................................................................12 
5.1  Primary Waveforms ..............................................................................................................12 
5.2  Dynamic Load Response and Regulation Waveforms..........................................................13 
Test Conditions: Full Load (2A to +B and -B); No Load (0A).........................................................13 
5.3  Output Waveforms with Audio Amplifier Load ......................................................................14 
5.4  Output Ripple........................................................................................................................18 
5.5  Efficiency ..............................................................................................................................18 
5.6  Thermal Data ........................................................................................................................19 
6 
Transformer Spec.....................................................................................................................20 
6.1  Electrical Diagram.................................................................................................................20 
6.2  Resonant Transformer Winding Characteristics ...................................................................20 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com