Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRAUDPS3 Datasheet(PDF) 13 Page - International Rectifier

Part # IRAUDPS3
Description  Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDPS3 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRAUDPS3 Datasheet HTML 9Page - International Rectifier IRAUDPS3 Datasheet HTML 10Page - International Rectifier IRAUDPS3 Datasheet HTML 11Page - International Rectifier IRAUDPS3 Datasheet HTML 12Page - International Rectifier IRAUDPS3 Datasheet HTML 13Page - International Rectifier IRAUDPS3 Datasheet HTML 14Page - International Rectifier IRAUDPS3 Datasheet HTML 15Page - International Rectifier IRAUDPS3 Datasheet HTML 16Page - International Rectifier IRAUDPS3 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Rev. 1.2
6/23/2015
International Rectifier
Page 13 of 20
PROPRIETARY INFORMATION - This document and the information contained therein are proprietary and are not to be reproduced, used or disclosed
to others for manufacture or any other purpose except as specifically authorized in writing by
INTERNATIONAL RECTIFIER.
Ch 2: +30V Output Voltage Ch 4: Resonant tank current
110Vac, 120W load startup
110Vac, no load startup
The switching frequency sweeps from 180khz to regulation frequency in 20ms~30ms, prevents high current
spike during startup. The output voltage has no overshoot during startup.
5.2 Dynamic Load Response and Regulation Waveforms
Test Conditions: Peak Load (8A to +B and -B); No Load (0A)
Ch 1: +B output – Ch 2: -B output
Ch 4: Output current
110Vac, 8A dynamic load to each rail
8A peak current, 20Hz, 50% duty-cycle
+B
+B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com