Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LV4053_15 Datasheet HTML 1Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 2Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 3Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 4Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 5Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 6Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 7Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 8Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 18 September 2014
4 of 27
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The
substrate is attached to this pad
using conductive die attach
material. There is no electrical or
mechanical requirement to
solder this pad. However, if it is
soldered, the solder land should
remain floating or be connected
to VCC.
Fig 5.
Pin configuration SOT38-4
and SOT109-1
Fig 6.
Pin configuration
SOT338-1 and SOT403-1
Fig 7.
Pin configuration for
SOT763-1
74LV4053
2Y1
VCC
2Y0
2Z
3Y1
1Z
3Z
1Y1
3Y0
1Y0
ES1
VEE
S2
GND
S3
001aak424
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74LV4053
2Y1
VCC
2Y0
2Z
3Y1
1Z
3Z
1Y1
3Y0
1Y0
ES1
VEE
S2
GND
S3
001aak342
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aak343
VEE
S2
ES1
3Y0
1Y0
3Z
1Y1
3Y1
1Z
2Y0
2Z
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
74LV4053
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S1, S2, S3
11, 10, 9
select input
1Y0, 2Y0, 3Y0
12, 2, 5
independent input or output
1Y1, 2Y1, 3Y1
13, 1, 3
independent input or output
1Z, 2Z, 3Z
14, 15, 4
common output or input
VCC
16
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com