Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LV4053_15 Datasheet HTML 9Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 10Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 11Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 12Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 13Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 14Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 15Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 16Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 18 September 2014
13 of 27
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
10.1 Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 13. nYn, nZ to nZ, nYn propagation delays
001aak351
nYn or nZ
input
nZ or nYn
output
tPLH
tPHL
VCC
VEE
VM
VM
VO
VEE
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 14. Enable and disable times
001aak352
tPLZ
tPHZ
switch OFF
switch ON
switch ON
nYn or nZ output
LOW-to-OFF
OFF-to-LOW
nYn or nZ output
HIGH-to-OFF
OFF-to-HIGH
Sn, E input
VO
VO
VEE
VEE
VCC
VSS
VM
tPZL
tPZH
90 %
90 %
10 %
10 %
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
< 2.7 V
0.5VCC
0.5VCC
VOL + 0.1VCC
VOH  0.1VCC
2.7 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH  0.3 V
> 3.6 V
0.5VCC
0.5VCC
VOL + 0.1VCC
VOH  0.1VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com