Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3490C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3490C/D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3490C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3490C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
12
______________________________________________________________________________________
B
1V/div
A
1V/div
RO
2V/div
20ns/div
DI
5V/div
VY - VZ
2V/div
RO
5V/div
2
µs/div
B
1V/div
A
1V/div
RO
2V/div
1
µs/div
DI
2V/div
20ns/div
Z
1V/div
Y
1V/div
DI
2V/div
Z
1V/div
Y
1V/div
1
µs/div
DI
5V/div
VY - VZ
2V/div
RO
5V/div
2
µs/div
Figure 15. MAX3485/MAX3490/MAX3491 Driver Propagation
Delay
Figure 17. MAX3483/MAX3488 Driver Propagation Delay
Figure 16. MAX3485/MAX3490/MAX3491 Receiver
Propagation Delay Driven by External RS-485 Device
Figure 18. MAX3483/MAX3488 Receiver Propagation Delay
Figure 19. MAX3483/MAX3488 System Differential Voltage at
125kHz Driving 4000 ft of Cable
Figure 20. MAX3485/MAX3490/MAX3491 System Differential
Voltage at 125kHz Driving 4000 ft of Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com