Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3490C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3490C/D
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3490C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3490C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3490C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
______________________________________________________________________________________
15
TRANSISTOR COUNT: 810
SUBSTRATE CONNECTED TO GROUND
__________________ Chip Topography
_Ordering Information (continued)
PART
MAX3486CPA
MAX3486CSA
MAX3486C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
MAX3486EPA
MAX3486ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX3488CPA
MAX3488CSA
MAX3488C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
MAX3488EPA
MAX3488ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX3490CPA
MAX3490CSA
MAX3490C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
MAX3490EPA
MAX3490ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
MAX3491CPD
MAX3491CSD
MAX3491C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
14 Plastic DIP
14 SO
Dice*
MAX3491EPD
MAX3491ESD
-40°C to +85°C
-40°C to +85°C
14 Plastic DIP
14 SO
* Contact factory for for dice specifications.
0.146"
(3.71mm)
0.086"
(2.18mm)
Z/B
B
A
Y/A
GND
DI
DE
RE
RO
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com