Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3761C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3761C/D
Description  Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3761C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3761C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Power, 622Mbps Limiting Amplifiers
with Chatter-Free Power Detect for LANs
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, PECL outputs terminated with 50
Ω to VCC - 2V, input 4mV to 2Vp-p, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = +5.0V, TA = +25°C.) (Note 5)
Note 5: AC parameters are guaranteed by design and characterization.
Note 6: Input signal is a 1-0 pattern, 622Mbps.
Note 7: PWD = [(width of wider pulse) - (width of narrower pulse)] / 2.
TA = -40°C, 223 - 1 PRBS
(Notes 6, 7)
(Note 6)
Differential
20% to 80%
CONDITIONS
Ω
3900
Input Resistance
ps
Pulse-Width Distortion
mV
3.2
Minimum LOS Assert Input
15
80
%
20
Data-Output Overshoot
ps
250
Data-Output Edge Speed
UNITS
MIN
TYP
MAX
PARAMETER
__________________________________________Typical Operating Characteristics
(MAX3761/MAX3762 EV kit, VCC = +5.0V, PECL outputs terminated with 50
Ω to VCC - 2V, input is a 1-0 pattern, 622Mbps, TA = +25°C,
unless otherwise noted.)
10
15
20
25
30
35
40
45
50
-40
-15
10
35
60
85
MAX3762
SUPPLY CURRENT vs. TEMPERATURE
AMBIENT TEMPERATURE (°C)
VCC = 5.5V
VCC = 5.0V
VCC = 4.5V
10
100
1000
1
INPUT SIGNAL (mVp-p)
2.40
2.16
1.68
1.44
1.20
1.92
2.28
1.80
1.56
1.32
2.04
RSSI vs. INPUT AMPLITUDE
AND DATA PATTERN
223 - 1
PRBS PATTERN
1-0 PATTERN
2.40
1.20
-50
-40
-20
0
RSSI vs.
INPUT POWER AND FREQUENCY
1.44
2.16
INPUT POWER (dBm)
-30
-10
-45
-25
-5
-35
-15
1.92
1.68
1.32
1.56
2.28
2.04
1.80
10MHz
500MHz
223 - 1 PRBS, VTH = 1.8V
dB
3.5
LOS Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com