Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3761C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3761C/D
Description  Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3761C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3761C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3761C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
100mV/
div
5
µs/div
LOS OPERATION
WITH SQUELCHING
DATA IN
LOS+
OUT+
Low-Power, 622Mbps Limiting Amplifiers
with Chatter-Free Power Detect for LANs
4
_______________________________________________________________________________________
2.00
1.20
-40
-20
80
0
204060
RSSI vs. TEMPERATURE
(622Mbps 223 - 1 PRBS)
1.36
1.84
AMBIENT TEMPERATURE (°C)
1.68
1.52
1.28
1.44
1.92
1.76
1.60
VIN = 50mVp-p
VIN = 16mVp-p
VIN = 4mVp-p
2.50
2.75
3.00
3.25
3.50
3.75
4.00
-40
-20
0
2040
6080
100
LOS HYSTERESIS vs. TEMPERATURE
(622Mbps 223 - 1 PRBS PATTERN)
AMBIENT TEMPERATURE (°C)
ASSERT LEVEL SET
TO APPROXIMATELY
2mVp-p
ASSERT LEVEL SET
TO APPROXIMATELY 30mVp-p
3
4
5
6
7
8
-40
0
-20
20
40
60
80
100
LOS HYSTERESIS vs. TEMPERATURE
(622Mbps 1-0 PATTERN)
AMBIENT TEMPERATURE (°C)
ASSERT LEVEL SET
TO APPROXIMATELY
2mVp-p
ASSERT LEVEL SET
TO APPROXIMATELY
30mVp-p
-0.8
-1.8
-40
-20
0
20
40
60
80
DATA OUTPUT LEVELS
(REFERENCE TO VCC)
-1.6
-1.0
AMBIENT TEMPERATURE (°C)
-1.2
-1.4
VOH
VOL
1m
10
1
0.1
0.01
INPUT SIGNAL (Vp-p)
1400
1280
1160
0.1m
1040
800
680
560
440
200
320
920
DIFFERENTIAL OUTPUT
vs. INPUT AMPLITUDE
0.01
0.1
1
10
0.001
INPUT SIGNAL (Vp-p)
50
40
20
10
0
30
PULSE-WIDTH DISTORTION
(622Mbps DATA RATE)
-40°C
+85°C
100mV/
div
5
µs/div
DATA IN
LOS+
OUT+
LOS OPERATION
WITHOUT SQUELCHING
50mV/
div
500ps/div
DATA OUTPUT SINGLE-ENDED
(223 - 1 PRBS PATTERN)
INPUT = 4mVp-p
TA = +85°C
____________________________Typical Operating Characteristics (continued)
(MAX3761/MAX3762 EV kit, VCC = +5.0V, PECL outputs terminated with 50
Ω to VCC - 2V, input is a 1-0 pattern, 622Mbps, TA = +25°C,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com