Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMU0131 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 9DMU0131
Description  Spread Spectrum Compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMU0131 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  9DMU0131 Datasheet HTML 1Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 2Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 3Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 4Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 5Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 6Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 7Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 8Page - Integrated Circuit Systems 9DMU0131 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
9DMU0131 REVISION A 09/30/14
1
©2014 Integrated Device Technology, Inc.
2:1 1.5V PCIe Gen1-2-3 Clock Mux
9DMU0131
General Description
The 9DMU0131 is a member of IDT's SOC-Friendly 1.5V
Ultra-Low-Power (ULP) PCIe Gen1-2-3 family. The output
has an OE# pin for optimal system control and power
management. The part provides asynchronous or glitch-free
switching modes.
Recommended Application
2:1 1.5V PCIe Gen1-2-3 Clock Mux
Output Features
• 1 – Low-Power (LP) HCSL DIF pair
Key Specifications
• DIF additive cycle-to-cycle jitter <5ps
• DIF phase jitter is PCIe Gen1-2-3 compliant
• 125MHz additive phase jitter 535fs rms typical (12kHz to
20MHz)
Features/Benefits
• LP-HCSL output; saves 2 resistors compared to standard
HCSL output
• 1.5V operation; 11mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pin; supports DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 167MHz operating frequency
• Space saving 16-pin 3x3mm VFQFPN; minimal board
space
Block Diagram
A
B
^OE0#
DIF_INA
DIF_INB
vSW_MODE
^SEL_A_B#
DIF0


Similar Part No. - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMU0131 IDT-9DMU0131 Datasheet
113Kb / 10P
HCSL differential inputs
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
More results

Similar Description - 9DMU0131

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
Spread Spectrum Compatible
REVISION A 09/24/14
9DMU0441 ICST-9DMU0441 Datasheet
121Kb / 11P
Spread Spectrum Compatible
REVISION A 09/24/14
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
REVISION B 01/26/15
logo
Integrated Device Techn...
9DB433 IDT-9DB433 Datasheet
231Kb / 17P
Spread Spectrum Compatible
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
Spread Spectrum Compatible
9DMV0441 IDT-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com