Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG52 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG52
Description  Synchronous Clock Generators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG52 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG52 Datasheet HTML 1Page - Connor-Winfield Corporation SCG52 Datasheet HTML 2Page - Connor-Winfield Corporation SCG52 Datasheet HTML 3Page - Connor-Winfield Corporation SCG52 Datasheet HTML 4Page - Connor-Winfield Corporation SCG52 Datasheet HTML 5Page - Connor-Winfield Corporation SCG52 Datasheet HTML 6Page - Connor-Winfield Corporation SCG52 Datasheet HTML 7Page - Connor-Winfield Corporation SCG52 Datasheet HTML 8Page - Connor-Winfield Corporation SCG52 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet #: SG084
Page 3 of 14
Rev: 00
Date: 09/08/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
NOTES:
1.0: Requires external regulation and filter (22uF, 330 pF)
2.0: Offset change between Reference Input and Reference Output over temperature range.
3.0: Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing.
4.0: If the selected reference is removed system response to the ALARM must be less than 100ns.
Operating Specifications
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
3.135
3.3
3.465
Volts
1.0
I
cc
Power Supply Current
-
300
-
mA
T
o
Temperature Range
0
-
70
°C
F
fr
Free Run Accuracy
-20
-
20
ppm
F
cap
Capture/pull-in range
-25
-
25
ppm
F
bw
Jitter Filter Bandwidth
-
-
15
Hz
TDEV
Time Deviation
-
70
-
ps
MTIE
Maximum Time Interval Error
-
800
-
ps
Static Offset
-
-
50
ns
Dynamic Offset Range (0°- 70°)
-27
-
27
ns
2.0
Dynamic Offset Range (25°- 70°)
-20
-
20
ns
2.0
MTIE
sr
MTIE at Synchronization Rearrangement
GR-253-CORE.1999 R5-135
3.0, 4.0
Φ
gain
Phase Gain
-
-
0.2
dB@~0.2Hz
T
jtol
8 kHz Reference Input Jitter Tolerance
-
-
31.25
µs
T
jtol
19.44 MHz Reference Input Jitter Tolerance -
-
1
µs
t
aq
Typical Acquisition Time Data
Acquisition from a cold power-up:
Phase lock within 12ns:
20
sec.
Phase lock settled:
100
sec.
Alarm time:
4
sec.
Acquisition from Free Run:
Phase lock within 12ns:
20
sec.
Phase lock settled:
100
sec.
Alarm time:
4
sec.
Frequency lock with a 20PPM reference frequency step: Typically 1 sec.
Absolute Maximum Rating
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
Vcc
Power Supply Voltage
-0.3
3.8
Volts
V1
Input Voltage
-0.5
5.5
Volts
Ts
Storage Temperature
-40
85
deg. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com