Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG52 Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # SCG52
Description  Synchronous Clock Generators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG52 Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  SCG52 Datasheet HTML 1Page - Connor-Winfield Corporation SCG52 Datasheet HTML 2Page - Connor-Winfield Corporation SCG52 Datasheet HTML 3Page - Connor-Winfield Corporation SCG52 Datasheet HTML 4Page - Connor-Winfield Corporation SCG52 Datasheet HTML 5Page - Connor-Winfield Corporation SCG52 Datasheet HTML 6Page - Connor-Winfield Corporation SCG52 Datasheet HTML 7Page - Connor-Winfield Corporation SCG52 Datasheet HTML 8Page - Connor-Winfield Corporation SCG52 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet #: SG084
Page 5 of 14
Rev: 00
Date: 09/08/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Pin Description
Table 8
Pin #
Connection
Description
1
Alarm Output
Active Low, Combined LOR/LOL Alarm Output
2
Reference A
CMOS Reference Frequency Input
3
TDO
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
4
Reference B
CMOS Reference Frequency Input
5
Y2
Positive Differential LVPECL Output
6
/Y2
Negative Differential LVPECL Output
7
V
CC
3.3V Supply Voltage.
8
GND
Power Ground
9
Y1
Positive Differential LVPECL Output
10
/Y1
Negative Differential LVPECL Output
11
Y0
Positive Differential LVPECL Output
12
/Y0
Negative Differential LVPECL Output
13
GND
Power Ground
14
V
CC
3.3V Supply Voltage.
15
Y3
CMOS Reference Output
16
TDI
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
17
TCK
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
18
TMS
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
19
Control 1
Input Control Pin 1
20
Control 2
Input Control Pin 2
Pin Out Diagram
Figure 2
Top View
2
3
4
5
6
7
8
9
1
10
19
18
17
16
15
14
13
12
20
11
Reference A
TDO
Reference B
Y2
V
CC
GND
Y1
Alarm Output
Y2
Y1
Control 1
TMS
TCK
TDI
V
CC
GND
Control 2
Y3
Y0
Y0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com