Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG2000 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG2000
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2000 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG2000 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet #: SG035
Page 3 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Typical Application
Figure 2
Pin Description
Table 2
All SCG2000 Models
Pin #
Connection
Description
1
Reference Output
Output frequency is dependent on SCG model
2
TCK
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
3
TMS
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
4
Ground
Ground
5
Free Run Enable/TDI
Free Run enable pin. 1 = Free Run at nominal frequency ±20ppm. Input is pulled to
GND
6
Loss of Reference (LOR)
Alarm indicator. 1 = The reference has been lost.
7
Loss of Lock (LOL)
Alarm indicator. 1 = Phase lock has been lost
8
Reference Input
Input reference frequency
9
Oscillator Output
Output frequency is dependent on SCG model
10
Tri-State enable
Tri State control for all outputs except Oscillator Output. 1 = Hi-Z, 0 = normal.
Input is pulled to GND.
11
Vcc
3.3V Supply Voltage.
12
TDO
JTAG pin that is used only by Connor-Winfield for programming. Do not connect
13
Input Freq. Select B
Control pin B used to select input frequency. Input is pulled to GND.
14
Input Freq. Select A
Control pin A used to select input frequency. Input is pulled to GND.
Input Select
MUX
MUX
MUX
MUX
System Select
BITS
System
Signal
CW's STM/MSTM module
CW's STM/MSTM module
CW's SCG
2000/4000
CW's SCG
2000/4000
A
B
S
Y
A
B
Y
S
A
B
A
B
S
Y
S
Y
Timing Card #1
Timing Card #N
Line Card 1
RCV
RCV
Clock out
Clock out
Line Card #N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com