Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG2000 Datasheet(PDF) 5 Page - Connor-Winfield Corporation

Part # SCG2000
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2000 Datasheet(HTML) 5 Page - Connor-Winfield Corporation

  SCG2000 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2000 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet #: SG035
Page 5 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Maximum Package Dimensions
Figure 3
Recommended Footprint Dimensions
Figure 4
0.640" [16.26mm]
0.800" [20.32mm]
0.080" [2.03mm]
0.650"
[16.51mm]
0.050"
[1.27mm]
0.100" [2.54mm]
0.050"
[1.27mm]
Output Jitter Specifications
Table 6
All SCG2000 Models
Jitter BW 10 Hz - 20 MHz
SONET Jitter BW 12 KHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
1.544
30 Typ.
0.046 Typ.
4 Typ.
0.006
2.048
30 Typ.
0.061 Typ.
4 Typ.
0.008
8.448
10 Typ.
0.084 Typ.
1 Max., 0.5 Typ.
0.008 Max.
16.384
10 Typ.
0.164 Typ.
1 Max., 0.5 Typ.
0.016 Max.
19.44
10 Typ.
0.194 Typ.
1 Max., 0.5 Typ.
0.019 Max.
20.48
10 Typ.
0.205 Typ.
1 Max., 0.5 Typ.
0.020 Max.
37.056
10 Typ.
0.371 Typ.
1 Max., 0.5 Typ.
0.037 Max.
44.736
10 Typ.
0.457 Typ.
1 Max., 0.5 Typ.
0.045 Max.
49.152
10 Typ.
0.492 Typ.
1 Max., 0.5 Typ.
0.049 Max.
51.84
10 Typ.
0.518 Typ.
1 Max., 0.5 Typ.
0.052 Max.
77.76
10 Typ.
0.778 Typ.
1 Max., 0.5 Typ.
0.078 Max.
125.0
10 Typ.
1.25 Typ.
1 Max., 0.5 Typ.
0.125 Max.
* Note: These jitter specs only apply to version 2 models
Output Programming
Table 7
All SCG2000 Models
Tristate
Free Run
Output
0
0
Locked to reference selected (default)
1
X
Hi-Z Tristate condition
0
1
Free run at nominal frequency
Alarm Status
Table 8
All SCG2000 Models
LOL Output LOR Output
Alarm Output
0
0
No alarm
1
0
Loss-of-Lock
X
1
Loss-of-Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com