Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4540 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # SCG4540
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4540 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  SCG4540 Datasheet HTML 1Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 2Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 3Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 4Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 5Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Preliminary Data Sheet #: SG053
Page 2 of 16
Rev: P01
Date: 08/05/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
General Description
The SCG4540 is a mixed-signal phase locked loop
generating LVPECL outputs from an intrinsically low
jitter, voltage controlled, crystal oscillator. The LVPECL
outputs may be disabled.
The SCG4540 can lock to one of two 10 kHz,
external references, which is selectable using the SEL
AB
input select pin. The unit has a fast acquisition time of
about 1 second and it is tolerant of different reference
duty cycles.
The SCG4540 includes an alarm output that
indicates deviations from normal operation. If a Loss-
of-Reference (LOR) or Loss-of-Lock (LOL) is detected
the alarm with indicate the need for a reference
rearrangement. If both references A and B are absent
the module will enter Free Run operation. The FR
status
pin will indicate that the module is in Free Run
operation. Frequency stability during Free Run
operation is guaranteed to ±20 ppm. Additionally the
Free Run mode may be entered manually.
The package dimensions are 1” x 1.025” x .45” on a
6 layer FR4 board with castellated pins. Parts are
assembled using high temperature solder to withstand
63/37 alloys, 180°C surface mount reflow processes.
Maximum Dimension Package Outline
Figure 1
Model Comparison Table
Table 1
Dual
Max
LVPECL
Model
Input
Duty
Oscillator Output
Notes
Ref Freq
Cycle
(Pins 16 & 18)
SCG4500
8 kHz/8 kHz
40/60
77.76 MHz,155.52 MHz,125 MHz
Basic Model
SCG4510
1.544 MHz/1.544 MHz
40/60
155.52 MHz
SCG4520
19.44 MHz/19.44 MHz
40/60
77.76 MHz,155.52 MHz
SCG4540
10 kHz/10 kHz
40/60
163.84 MHz
*Features which differentiate a model from the base model (SCG4500) are highlighted in boldface color and in the notes column.
Block Diagram
Figure 2
PHASE
ALIGNER
REFB
REFA
SEL AB
ANALOG
FILTER
Q
QN
1 / N
ALARM
LOW JITTER
VCXO
FREE RUN STATUS
OPTIONAL
REFERENCE
OUTPUT
FORCE
FREE RUN
ENABLE/
TRI-STATE
DPFD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com