Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4540 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG4540
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4540 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG4540 Datasheet HTML 1Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 2Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 3Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 4Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 5Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4540 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Data Sheet #: SG053
Page 3 of 16
Rev: P01
Date: 08/05/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
NOTES:
1.0
Operation of the device at these or any other condition beyond those listed under Operating Specifications is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods of time may affect device reliability.
2.0
Requires external regulation and supply decoupling. (22 uF, 330 pF)
3.0
3db loop response.
4.0
From a 20 PPM step in reference frequency at 25°C @ 3.3V
5.0
50-ohm load biased to 1.3 volts.
6.0
Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing.
7.0
If the selected reference is removed system response to the ALARM must be less than 100ns.
Absolute Maximum Rating
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
-0.5
-
+4.0
Volts
1.0
V
i
Input Voltage
-0.5
-
+5.5
Volts
1.0
T
s
Storage Temperature
-65.0
-
+100
°C
1.0
Operating Specifications
Table 4
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
3.135
3.3
3.465
Volts
2.0
I
cc
Power Supply Current
170
230
280
mA
5.0
T
o
Temperature Range
0
-
70
°C
F
fr
Free Run Frequency
-20
-
20
ppm
F
cap
Capture/pull-in range
-25
-
25
ppm
F
bw
Jitter Filter Bandwidth
-
-
10
Hz
3.0
T
jtol
Input Jitter Tolerance
1
-
-
µs
(Input Jitter Frequencies
≥ 10 Hz)
T
aq
Acquisition Time
-
1
-
s
4.0
T
rf
Output Rise and Fall Time (20% 80%)
100
225
350
ps
5.0
DC
Output Duty Cycle
40
50
60
%
MTIE
sr
MTIE at Synchronization Rearrangement
GR-253-CORE.1999 R5-136
6.0, 7.0
Output Jitter Specifications
Table 5
Jitter BW 10 Hz - 1 MHz
SONET Jitter BW 12 kHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
163.84
10 Typ.
1.638 Typ.
1 Max.
0.164 Max.
Input and Output Frequencies
Table 3
Parameter
Frequency
Input Reference Frequency
Dual 10 kHz
Available Output Frequencies
163.84 MHz
Optional Reference Output Frequencies
Not Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com