Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQ420D Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 932SQ420D
Description  64-pin TSSOP and MLF packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ420D Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 932SQ420D Datasheet HTML 3Page - Integrated Device Technology 932SQ420D Datasheet HTML 4Page - Integrated Device Technology 932SQ420D Datasheet HTML 5Page - Integrated Device Technology 932SQ420D Datasheet HTML 6Page - Integrated Device Technology 932SQ420D Datasheet HTML 7Page - Integrated Device Technology 932SQ420D Datasheet HTML 8Page - Integrated Device Technology 932SQ420D Datasheet HTML 9Page - Integrated Device Technology 932SQ420D Datasheet HTML 10Page - Integrated Device Technology 932SQ420D Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
932SQ420D
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
IDT®
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
7
932SQ420D
REV J 010715
Pin Descriptions - 64 MLF (cont).
35
VDDNS
PWR 3.3V power for the Non-Spreading differential outputs outputs and logic
36
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
37
NS_SAS0C
OUT
Complementary clock of differentia non-spreading SAS output. These are current mode outputs and external
33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
38
NS_SAS0T
OUT
True clock of differential non-spreading SAS output. These are current mode outputs. These are current
mode outputs and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
39
NS_SAS1C
OUT
Complementary clock of differential non-spreading SAS output. These are current mode outputs and external
33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
40
NS_SAS1T
OUT
True clock of differential non-spreading SAS output. These are current mode outputs. These are current
mode outputs and external 33 ohm series resistors and 49.9 ohm shunt resistors are required for termination.
41
AVDD_NS_SAS
PWR 3.3V power for the non-spreading SAS/SRC PLL analog circuits.
42
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
43
CPU0C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
44
CPU0T
OUT
True clock of differential CPU output. These are current mode outputs and external 33 ohm series resistors
and 49.9 ohm shunt resistors are required for termination.
45
CPU1C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
46
CPU1T
OUT
True clock of differential CPU output. These are current mode outputs and external 33 ohm series resistors
and 49.9 ohm shunt resistors are required for termination.
47
VDDCPU
PWR 3.3V power for the CPU outputs and logic
48
GNDCPU
PWR Ground pin for CPU outputs and logic.
49
CPU2C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
50
CPU2T
OUT
True clock of differential CPU output. These are current mode outputs and external 33 ohm series resistors
and 49.9 ohm shunt resistors are required for termination.
51
CPU3C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external 33 ohm series
resistors and 49.9 ohm shunt resistors are required for termination.
52
CPU3T
OUT
True clock of differential CPU output. These are current mode outputs and external 33 ohm series resistors
and 49.9 ohm shunt resistors are required for termination.
53
VDDCPU
PWR 3.3V power for the CPU outputs and logic
54
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
55
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
56
GND14
PWR Ground pin for 14MH z output and logic.
57
AVDD14
PWR Analog power pin for 14MH z PLL
58
VDD14
PWR Pow er pin for 14MHz output and logic
59
vREF14_3x/TEST_SEL
I/O
14.318 MH z reference clock. 3X drive strength as default / TEST_SEL latched input to enable test mode. R efer
to Test Clarification Table. This pin has a weak (~120Kohm) internal pull down.
60
GND14
PWR Ground pin for 14MH z output and logic.
61
GNDXTAL
PWR Ground pin for Crystal Oscillator.
62
X1_25
IN
Crystal input, N ominally 25.00MHz.
63
X2_25
OUT Crystal output, Nominally 25.00MHz.
64
VDDXTAL
PWR 3.3V power for the crystal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com