Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQ420D Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 932SQ420D
Description  64-pin TSSOP and MLF packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ420D Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 932SQ420D Datasheet HTML 4Page - Integrated Device Technology 932SQ420D Datasheet HTML 5Page - Integrated Device Technology 932SQ420D Datasheet HTML 6Page - Integrated Device Technology 932SQ420D Datasheet HTML 7Page - Integrated Device Technology 932SQ420D Datasheet HTML 8Page - Integrated Device Technology 932SQ420D Datasheet HTML 9Page - Integrated Device Technology 932SQ420D Datasheet HTML 10Page - Integrated Device Technology 932SQ420D Datasheet HTML 11Page - Integrated Device Technology 932SQ420D Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
932SQ420D
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
IDT®
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
8
932SQ420D
REV J 010715
Test Loads and Recommended Terminations
Single-ended Output Termination Table
Output
Loads
Zo = 50Ω
Zo =60Ω
PCI/USB
1
36
43
PCI/USB
2
22
33
REF
1
39
47
REF
2
27
36
REF
3
10
20
Rs Value
(for each load)
Differential Zo
Rp
Rp
HCSL Output
Buffer
932SQ420 Differential Test Loads
Rs
Rs
2pF
2pF
Differential Output Termination Table
DIF Zo (Ω)Iref (Ω)Rs (Ω)Rp (Ω)
100
475
33
50
85
412
27
42.3 or 43.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com