Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4272ESA Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX4272ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4272ESA Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX4272ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 20Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
______________________________________________________________________________________
17
CTON determines the maximum time allowed to com-
plete turn-on for the MAX4273. The default values for
turn-on time (tON) and tRETRY are chosen by leaving
these pins floating; they are 10µs and 320µs, respec-
tively. These are also the minimum values (not con-
trolled and dependent on stray capacitance). Longer
timings are determined by the size of the capacitor
according to Figure 8, and can be determined in Table
5, which lists the startup and retry timing parameters.
Set the tON timer long enough to allow for the MOSFET to
be enhanced and the load capacitor to be charged com-
pletely .
There are two ways of completing the startup sequence.
Case A describes a startup sequence that does not use
the current-limiting feature and slowly turns on the MOS-
FET by limiting the gate dv/dt. Case B uses the current-
limiting feature and turns on the MOSFET as fast as
possible while still preventing a high inrush current.
Case A. Startup Without Current Regulation
There are three ways to turn on the MOSFET without
reaching the fast comparator current limit:
1) If the board capacitance is small, the inrush current
is low.
2) If the gate capacitance is high, the MOSFET turns on
slowly.
3) The fast comparator can be disabled (MAX4273
only).
In all three cases, tON is determined only by the charge
required to enhance the MOSFET. Effectively, the small
gate-charging current limits the output voltage dv/dt.
This time can be extended by connecting an external
capacitor between GATE and GND (MAX4271/
MAX4272) (Figure 9) or between GATE and CEXT
(MAX4273). The turn-on time is dominated by the exter-
nal gate capacitance if this value is considerably higher
than the MOSFET gate capacitance. Table 6 shows the
timing required to enhance the recommended MOSFET
with or without the external capacitor; Figure 3 shows
the related waveforms and timing diagrams. (See Time
to Charge Gate vs. CGATE and Startup Time with
CBOARD = 0 in the Typical Operating Characteristics.)
Remember that a high gate capacitance also increases
the turn-off time (tOFF), except in the case of a
MAX4273 fast fault.
If an external gate capacitor is not used, RS is not nec-
essary. RS prevents MOSFET self-oscillations that can
occur when CGATE is high while CBOARD is low.
Electrical characteristics as specified by the manufac-
turer’s data sheet are:
FDS6670A: CISS = 3200pF, QT(MAX) = 50nC, RDS(ON) =
8.2m
Ω
IRF7401: CISS = 1600pF, QT(MAX) = 48nC, RDS(ON) =
22m
Ω
MMSF5N03HD: CISS = 1200pF, QT(MAX) = 21nC,
RDS(ON) = 40m
Ω
Figure 7. Fast Comparator Threshold vs. RTH
0
200
100
400
300
500
600
700
800
020
30
10
40
50
60
70
80
FAST COMPARATOR THRESHOLD
VOLTAGE vs. RTH
RTH (k
Ω)
RTH (k
Ω) = VTH,FC (mV)/10
INDETERMINATE,
NOT RECOMMENDED FOR
RTH < 5k
Ω
DISABLED FOR
RTH < 200
Ω
*MAX4273 retry feature disabled by connecting CTIM to VIN.
Table 5. Startup and Retry Timing Parameters
tON
tRETRY
PART
DEFAULT (µs)
EXTERNALLY SET
DEFAULT (µs)
EXTERNALLY SET
MAX4271
10
tON (ms) = 0.31 x CTIM (nF)
No retry available
MAX4272
10
tON (ms) = 0.31 x CTIM (nF)
320
tRETRY (ms) = 32 x tON = 10 x CTIM (nF)
MAX4273*
10
tON (ms) = 0.31 x CTON (nF)
320
tRETRY (ms) =10 x CTIM (nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com