Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4272ESA Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX4272ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4272ESA Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX4272ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 17Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 18Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 19Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 20Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 21Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 22Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 23Page - Maxim Integrated Products MAX4272ESA Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Calculate the MOSFET thermal resistance required
for a short to ground.
ZθJA = (150°C - 85°C) / (5V ✕ 10A) = 1.30°C/W
Using tSTART = 1ms as the pulse duration, use
Figure 17 to select a duty cycle. The duty cycle
should be about 0.01 or less. This implies tRETRY =
tSTART / 0.01 = 100ms. From Figure 8, CTIM = 10nF.
Layout Considerations
To take full tracking advantage of the switch response time
to an output fault condition, it is important to keep all traces
as short as possible and to maximize the high-current
trace dimensions to reduce the effect of undesirable para-
sitic inductance. Place the MAX4271/MAX4272/MAX4273
close to the card’s connector. Use a ground plane to mini-
mize impedance and inductance. Minimize the current-
sense resistor trace length (<10mm), and ensure accurate
current sensing with Kelvin connections (Figure 18).
When the output is short circuited, the voltage drop
across the external MOSFET becomes large. Hence,
the power dissipation across the switch increases, as
does the die temperature. An efficient way to achieve
good power dissipation on a surface-mount package is
to lay out two copper pads directly under the MOSFET
package on both sides of the board. Connect the two
pads to the ground plane through vias, and use
enlarged copper mounting pads on the top side of the
board.
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
______________________________________________________________________________________
23
CTIM
CSPD
GND
1
2
8
7
ON
STAT
SENSE
GATE
IN
SO
TOP VIEW
3
4
6
5
MAX4271
MAX4272
Pin Configurations
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RTH
OUTC
INC
REF
ON
STAT
CTIM
CSPD
CTON
MAX4273
QSOP/SO
AUXVCC
IN
CEXT
SENSE
GATE
LLMON
GND
Figure 18. Kelvin Connections for the Current-Sense Resistors
SENSE RESISTOR
HIGH-CURRENT PATH
MAX4271
MAX4272
MAX4273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com