Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4285ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4285ESA
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4285ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4285ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3V, VEE = 0, DISABLE_ = 3V, RL =
∞, VCM = 1V, and TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC - VEE) ...................................-0.3V to +7.5V
Input Voltage Range (IN+, IN-) ........(VEE - 0.3V) to (VCC + 0.3V)
Differential Input Voltage .......................................-0.3V to +7.5V
Voltage at DISABLE .........................(VEE - 0.3V) to (VCC + 0.3V)
Current into IN+, IN-, DISABLE ........................................±20mA
Output Short-Circuit Duration ........................................Indefinite
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
14-Pin SO (derate 8.3mW/°C above +70°C)................667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Guaranteed by CMRR test
MAX4_87EU_/MAX4_88EU_/MAX4_8_ES_
Guaranteed by PSRR test
mV
±0.1
±8
Common mode (VEE
≤ VCM ≤ VCC - 1.25V)
MAX4287/88 and MAX4387/88
Differential (-10mV
≤ VIN ≤ +10mV)
VEE
≤ VCM ≤
VCC - 1.25V
CONDITIONS
VOS
Input Offset Voltage
µA
13
35
dB
50
73
CMRR
Common-Mode Rejection Ratio
µV/°C
26
TCVOS
Input Offset-Voltage
Temperature Coefficient
V
VEE
VCC -
1.25
VCM
V
2.85
6.5
Operating Supply Voltage
Range
Input Common-Mode Voltage
Range
IB
Input Bias Current
µA
0.2
8
IOS
Input Offset Current
RIN
600
mV
±0.2
∆VOS
Input Offset-Voltage Matching
k
Ω
38
Input Resistance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4285EUT-T/MAX4286EUT-T
±1.5
±12
MAX4_87EU_/
MAX4_88EU_/
MAX4_8_ES_
MAX4285EUT-T/
MAX4286EUT-T
45
68
RL = 2k
Ω
RL = 100
Ω
60
85
VEE + 0.4V
≤
VOUT
≤ VCC - 0.4V
dB
75
94
AVOL
Open-Loop Gain
65
94
RL = 300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com