Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4285ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4285ESA
Description  3V/5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4285ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4285ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4285ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+3V/+5V, 250MHz, SOT23 ADC Buffer Amplifiers
with High-Speed Disable
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V, VEE = 0, DISABLE_ = 3V, RL =
∞, VCM = 1V, and TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
DISABLE_ = VEE
µA
±3
±22
IIL
CONDITIONS
DISABLE_ Logic Input
Low Current
DISABLE_ = VCC
mA
±3
±22
IIH
DISABLE_ Logic Input
High Current
VCC = 3V
µA
20
24
ISY
Quiescent Supply Current
(per Amplifier)
Normal mode
Disabled mode,
DISABLE_ = VEE
13
VCC = 5V
23
28
Normal mode
Disabled mode,
DISABLE_ = VEE
13
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DISABLE_ = VEE, VEE
≤ VOUT ≤ VCC
RL = 20
Ω to VEE
nA
700
ILEAK
Disabled Output Leakage
Current
mA
77
IOUT
Output Current Drive
RL = 20
Ω to VCC
106
VCC = 2.85V to 6.5V
dB
40
50
PSRR
Power-Supply Rejection Ratio
V
VCC - 2
VIL
DISABLE_ Logic Low Threshold
DISABLE_ Logic High Threshold
VIH
VCC - 1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com