Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841N254BI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS841N254BI
Description  Fourth generation FemtoClock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841N254BI Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS841N254BI Datasheet HTML 1Page - Integrated Device Technology ICS841N254BI Datasheet HTML 2Page - Integrated Device Technology ICS841N254BI Datasheet HTML 3Page - Integrated Device Technology ICS841N254BI Datasheet HTML 4Page - Integrated Device Technology ICS841N254BI Datasheet HTML 5Page - Integrated Device Technology ICS841N254BI Datasheet HTML 6Page - Integrated Device Technology ICS841N254BI Datasheet HTML 7Page - Integrated Device Technology ICS841N254BI Datasheet HTML 8Page - Integrated Device Technology ICS841N254BI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ICS841N254BKI REVISION A NOVEMBER 6, 2013
2
©2013 Integrated Device Technology, Inc.
ICS841N254BI Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-LVDS/HCSL CLOCK SYNTHESIZER
Table 1. Pin Descriptions
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 8, 13, 32
VDD
Power
Core supply pins.
2, 4
nc
Unused
No connect.
3VDDA
Power
Analog power supply.
5, 17,
23, 25, 31
GND
Power
Power supply ground.
6
REF_CLK
Input
Pulldown
Alternative single-ended reference clock input. LVCMOS/LVTTL interface levels.
7
nOEA
Input
Pulldown
Output enable input. See Table 3D for function. LVCMOS/LVTTL interface levels.
9
nOEB
Input
Pulldown
Output enable input. See Table 3E for function. LVCMOS/LVTTL interface levels.
10
REF_SEL
Input
Pulldown
Reference select input. See Table 3B for function.
LVCMOS/LVTTL interface levels.
11,
12
XTAL_IN,
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
14
BYPASS
Input
Pulldown
Bypass mode select pin. See Table 3C for function.
LVCMOS/LVTTL interface levels.
15,
16
F_SEL0,
F_SEL1
Input
Pulldown
Frequency select pin. See Table 3A for function. LVCMOS/LVTTL interface levels.
18, 19
QA1, nQA1
Output
Differential clock output. LVDS interface levels.
20
VDDOA
Power
Output supply pin for QAx outputs.
21, 22
QA0, nQA0
Output
Differential clock output. LVDS interface levels.
24
IREF
Input
External fixed precision resistor (475
) from this pin to ground provides a reference
current used for differential current-mode QBx, nQBx clock outputs.
26, 27
nQB1, QB1
Output
Differential clock output. HCSL interface levels.
28
VDDOB
Power
Output supply pin for QBx outputs.
29, 30
nQB0, QB0
Output
Differential clock output. HCSL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLDOWN Input Pulldown Resistor
100
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com