Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841N254BI Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS841N254BI
Description  Fourth generation FemtoClock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841N254BI Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS841N254BI Datasheet HTML 16Page - Integrated Device Technology ICS841N254BI Datasheet HTML 17Page - Integrated Device Technology ICS841N254BI Datasheet HTML 18Page - Integrated Device Technology ICS841N254BI Datasheet HTML 19Page - Integrated Device Technology ICS841N254BI Datasheet HTML 20Page - Integrated Device Technology ICS841N254BI Datasheet HTML 21Page - Integrated Device Technology ICS841N254BI Datasheet HTML 22Page - Integrated Device Technology ICS841N254BI Datasheet HTML 23Page - Integrated Device Technology ICS841N254BI Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ICS841N254BKI REVISION A NOVEMBER 6, 2013
21
©2013 Integrated Device Technology, Inc.
ICS841N254BI Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-LVDS/HCSL CLOCK SYNTHESIZER
Package Outline and Package Dimensions
Package Outline - K Suffix for 32-Lead VFQFN
Table 9. Package Dimensions
Reference Document: JEDEC Publication 95, MO-220
NOTE: The following package mechanical drawing is a generic
drawing that applies to any pin count VFQFN package. This drawing
is not intended to convey the actual pin count or pin layout of this
device. The pin count and pinout are shown on the front page. The
package dimensions are in Table 9.
To p View
Ind exArea
D
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
Anvil
Singula tion
A
0. 08
C
C
A3
A1
S eating Plan e
E2
E2
2
L
(N
-1)x e
(R ef.)
(Ref.)
N & N
Even
N
e
D2
2
D2
(Ref.)
N & N
Odd
1
2
e
2
(Ty p.)
If N & N
are Even
(N -1)x e
(Re f.)
b
Th er mal
Ba se
N
OR
Anvil
Singulation
or
Sawn
Singulation
N-1
N
CHAMFER
1
2
N-1
1
2
N
RADIUS
4
4
Bottom View w/Type C ID
Bottom View w/Type A ID
There are 2 methods of indicating pin 1 corner at the back of the VFQFN package:
1. Type A: Chamfer on the paddle (near pin 1)
2. Type C: Mouse bite on the paddle (near pin 1)
JEDEC Variation: VHHD-2/-4
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
32
A
0.80
1.00
A1
00.05
A3
0.25 Ref.
b
0.18
0.25
0.30
ND & NE
8
D & E
5.00 Basic
D2 & E2
3.0
3.3
e
0.50 Basic
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com