Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4364ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4364ESA
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4364ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4364ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT_ to GND...................................................-0.3V to +6V
IN+, IN-, BIAS, SHDN to GND....................-0.3V to (VCC + 0.3V)
Output Short Circuit (OUT+ to OUT-) (Note 1)...........Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) ..............330mW
8-Pin Thin QFN (derate 24.4mW/°C above +70°C) ....1951mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS—5V
(VCC = 5V, RL =
∞, CBIAS = 1µF to GND, SHDN = GND, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from PSRR test
2.7
5.5
V
MAX4364
7
13
MAX4364, TA = TMIN to TMAX
17
MAX4365
5
8
Supply Current
ICC
(Note 3)
MAX4365, TA = TMIN to TMAX
11
mA
Shutdown Supply Current
ISHDN
SHDN = VCC
0.01
4
µA
VIH
VCC x
0.7
SHDN Threshold
VIL
VCC x
0.3
V
Common-Mode Bias Voltage
VBIAS
(Note 4)
VCC/2 -
5%
VCC/2
VCC/2
+ 5%
V
Output Offset Voltage
VOS
IN- = OUT+, IN+ = BIAS (Note 5)
±1
±10
mV
VCC = 2.7V to 5.5V
DC
55
75
217Hz
68
Power-Supply Rejection Ratio
PSRR
VRIPPLE = 200mVP-P,
RL = 8
Ω
1kHz
58
dB
MAX4364
1200
1400
Output Power
POUT
RL = 8
Ω, THD + N = 1%,
fIN = 1kHz (Note 6)
MAX4365
800
1000
mW
MAX4364,
POUT = 1W
0.04
Total Harmonic Distortion Plus
Noise
THD + N
AV = -2V/V, RL = 8
Ω,
fIN = 1kHz (Notes 7, 8)
MAX4365,
POUT = 750mW
0.1
%
Noise
fIN = 10kHz, BW = 22Hz to 22kHz
12
µVRMS
Short-Circuit Current
ISC
OUT+ to OUT- (Note 9)
600
mA
Thermal Shutdown Threshold
160
oC
Thermal Shutdown Hysteresis
15
oC
Power-Up Time
tPU
50
ms
Shutdown Time
tSHDN
10
µs
Enable Time from Shutdown
tENABLE
50
ms
Note 1: Continuous power dissipation must also be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com