Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4364ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4364ESA
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4364ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4364ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4364ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—3V
(VCC = 3V, RL =
∞, CBIAS = 1µF to GND, SHDN = GND, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4364
6
Supply Current
ICC
(Note 3)
MAX4365
4.5
mA
Shutdown Supply Current
ISHDN
SHDN = VCC
10
nA
MAX4364
400
500
Output Power
POUT
RL = 8
Ω, THD + N =
1%, fIN = 1kHz
(Note 6)
MAX4365
350
450
mW
MAX4364,
POUT = 400mW
0.05
Total Harmonic Distortion Plus
Noise
THD + N
AV = -2V/V, RL = 8
Ω,
fIN = 1kHz (Notes 7, 8) MAX4365,
POUT = 400mW
0.08
%
Note 2: All specifications are 100% tested at TA = +25°C.
Note 3: Quiescent power-supply current is specified and tested with no load on the outputs. Quiescent power-supply current
depends on the offset voltage when a practical load is connected to the amplifier.
Note 4: Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
Note 5: Maximum differential-output offset voltage is tested in a unity-gain configuration. VOS = VOUT+ - VOUT-.
Note 6: Output power is specified by a combination of a functional output-current test, and characterization analysis.
Note 7: Guaranteed by design, not production tested.
Note 8: Measurement bandwidth for THD + N is 22Hz to 22kHz.
Note 9: Extended short-circuit conditions result in a pulsed output.
Typical Operating Characteristics
(VCC = 5V, THD + N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 2V/V
RL = 8
Ω
0.25W
0.5W
1W
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 4V/V
RL = 8
Ω
0.25W
0.5W
1W
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 20V/V
RL = 8
Ω
0.25W
0.5W
1W
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com