Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT220X Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT220X
Description  FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT220X Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT220X Datasheet HTML 23Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 24Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 25Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 26Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 27Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 28Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 29Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 30Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Copyright © 2013 Future Technology Devices International Limited
27
FT220X USB 4-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000629 Clearance No.: FTDI# 262
7.2 Self Powered Configuration
FT220X
1
2
3
4
5
SHIELD
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC(3.3-5.25V)
RESET#
100nF
100nF
100nF
4.7uF
+
GND
4k7
10k
27R
27R
GND
47pF
47pF
Figure 7.2 Self Powered Configuration
Figure 7.2 illustrates the FT220X in a typical USB self powered configuration. A USB self powered device
gets its power from its own power supply, VCC, and does not draw current from the USB bus. The basic
rules for USB self powered devices are as follows –
i)
A self powered device should not force current down the USB bus when the USB host or hub
controller is powered down.
ii)
A self powered device can use as much current as it needs during normal operation and USB
suspend as it has its own power supply.
iii)
A self powered device can be used with any USB host, a bus powered USB hub or a self
powered USB hub.
The power descriptor in the internal MTP memory of the FT220X should be programmed to a value of
zero (self powered).
In order to comply with the first requirement above, the USB bus power (pin 1) is used to control the
VBUS_Sense pin of the FT220X device. When the USB host or hub is powered up an internal 1.5kΩ
resistor on USBDP is pulled up to +3.3V, thus identifying the device as a full speed device to the USB
host or hub. When the USB host or hub is powered off, VBUS_Sense pin will be low and the FT220X is
held in a suspend state. In this state the internal 1.5kΩ resistor is not pulled up to any power supply
(hub or host is powered down), so no current flows down USBDP via the 1.5kΩ pull-up resistor. Failure to
do this may cause some USB host or hub controllers to power up erratically.
Figure 7.2 illustrates a self powered design which has a +3.3V to +5.25V supply.
Note:
1. When the FT220X is in reset, the FT1248 interface I/O pins are tri-stated. Input pins have
internal 75kΩ pull-up resistors to VCCIO, so they will gently pull high unless driven by some
external logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com