Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT220X Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT220X
Description  FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT220X Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT220X Datasheet HTML 35Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 36Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 37Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 38Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 39Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 40Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 41Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 42Page - Future Technology Devices International Ltd. FT220X Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Copyright © 2013 Future Technology Devices International Limited
39
FT220X USB 4-BIT SPI/FT1248 IC Datasheet
Version 1.3
Document No.: FT_000629 Clearance No.: FTDI# 262
10.3 QFN-16 Package Mechanical Dimensions
Figure 10.3 QFN-16 Package Dimensions
The FT220XQ is supplied in a RoHS compliant leadless QFN-16 package. The package is lead (Pb) free,
and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 4.00mm x 4.00mm. The solder pads are on a 0.65mm pitch. The above
mechanical drawing shows the QFN-16 package. All dimensions are in millimetres.
The centre pad on the base of the FT220XQ is internally connected to GND and the PCB should not have
signal tracking on the top layer under this area. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com