Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT905 Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
21
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
QFN
Pin No.
LQFP
Pin No.
Name
Type
Description
64
68
TXON
O
Ethernet transmit data negative output.[2]
Differential transmit signal pair.
65
69
RTC_XIO
AO
Output from the RTC Oscillator amplifier.
66
70
RTC_XI/RTC_CLKIN
AI
32.768KHz clock frequency input to the RTC
Oscillator circuit or to internal RTC clock generator
circuit.
67
71
NC
-
Not connected.
68
72
ADC1/GPIO6
I/O
GPIO6 input/output. (By default is GPIO input,
internal pull-low)
10-bit A/D converter 1, input.
69
73
ADC2/GPIO7
I/O
GPIO7 input/output. (By default is GPIO input,
internal pull-low)
10-bit A/D converter 2, input.
70
74
ADC3/GPIO8
I/O
GPIO8 input/output. (By default is GPIO input,
internal pull-low)
10-bit A/D converter 3, input.
71
75
ADC4/GPIO9
I/O
GPIO9 input/output. (By default is GPIO input,
internal pull-low)
10-bit A/D converter 4, input.
72
76
AGND
P
Analog Ground
73
77
VCC3V3A
P
+3.3V supply voltage.
This is the supply voltage for Analog I/O ports.
Connect 10uF and 0.1uF decoupling capacitors. This
pin could be connected to all +3.3V power supply
pins without 10uF capacitor.
74
78
DAC_REFP
P
10-bit DAC positive reference voltage.
75
79
DAC1/GPIO13
I/O
GPIO13 input/output. (By default is GPIO input,
internal pull-low)
10-bit D/A converter 1, output.
76
80
DAC0/GPIO14
I/O
GPIO14 input/output. (By default is GPIO input,
internal pull-low)
10-bit D/A converter 0, output.
Table 3-1 FT905 pin description
[1]
CAN Bus 0/1 only are featured on both FT905 and FT907 packages.
[2]
Ethernet pins are available on FT905 and FT906 only. For FT907 and FT908, shall leave all
Ethernet pins as NC pin floating except for ENET_LED0/GPIO4 and ENET_LED1/GPIO5 as GPIO by
default.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com