Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT905 Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT905
Description  The FT905 series contains FT905, FT906, FT907 and FT908 which is a complete System-On-Chip 32-bit RISC microcontroller for embedded applications featuring a high level of integration and low power consumption.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT905 Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT905 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT905 Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Copyright © 2014 Future Technology Devices International Limited
39
FT905
_6_7_8/6/7/8 Embedded Microcontroller Datasheet
Version 1.0
Document No.: FT_001131 Clearance No.: FTDI#422
Table 5-6 DAC I/O pin (DAC_REFP, DAC0/1) characteristics
DC characteristics of ADC I/O cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC3V3A
Analog power supply
voltage
2.97
3.3
3.63
V
Normal operation
XAIN
Analog input range
0
-
VCC3V3A
V
-
RES
Resolution
-
10
-
Bit
-
INL
Integral nonlinearity
error
-3
0.56/-
1.05
3
LSB
10%-90% of
VCC3V3A
Reference
-4
0.56/-
1.05
4
LSB
Rail-to-Rail
VCC3V3A
reference
DNL
Differential
nonlinearity error
-1
0.66/-
0.58
1.75
LSB
-
Xsampleclk
Sample rate
-
-
1
MSPS
-
Table 5-7 ADC I/O Pin Characteristics
DC characteristics EFUSE cells
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
EFUSE Program Mode
VDD
Operating voltage
1.08
1.2
1.32
V
-
VFSOURCE
FSOURCE voltage
3.6
3.7
3.8
V
-
VPP
VPP voltage
1.8
1.85
1.9
V
-
IVPP
VPP current
-
-
3
mA
-
Table 5-8 EFUSE I/O Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com