Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4473ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4473ESA
Description  Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin 關MAX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4473ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4473ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low-Cost, Low-Voltage, PA Power Control
Amplifier for GSM Applications in 8-Pin µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, SHDN > +2.4V, MAX4473 test circuit, RG1 = RG2 = 1kΩ ±1%, RG3 = 2.5kΩ ±1%, RSENSE = 100Ω ±1%, RL
= 10k
Ω, CL = 300pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +6.0V, VPC = +1.0V, TA = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................................+7V
SR1, SR2, SR3, PC, SHDN,
OUT to GND ............................................-0.3V to (VCC + 0.3V)
SR1 to SR3......................................................................0 to VCC
OUT and SR3 Short-Circuit Duration
to VCC or GND ........................................................Continuous
Current into Any Pin..........................................................±50mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.10mW/°C above +70°C) .....................330mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature. .....................................................+150°C
Storage Temperature Range. ............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOUT = VCC / 2
RL = 500Ω
to VCC / 2
VPC = 0
2.7V < VCC < 6.5V, VPC = GND
1V < VSR1, VSR2 < VCC,
VPC = GND
Inferred from CMRR test; VPC = GND (Note 2)
1V < VSR1, VSR2 < VCC
SHDN < 0.4V, VSR1 = VSR2 = VCC
1V < VSR1, VSR2 < VCC
SHDN < 0.4V, RL = 10kΩ
1V < VSR1, VSR2 < VCC, VPC = GND,
SR3 = unconnected
SHDN = 0 to VCC
1V < VSR1, VSR2 < VCC, VPC = GND,
SR3 = unconnected
CONDITIONS
mA
20
Output Current Limit
0.15
VCC - 0.15
80
120
80
130
80
125
dB
80
130
dB
80
90
Power-Supply Rejection Ratio
75
95
65
85
Common-Mode Rejection Ratio
µA
±0.001
±0.5
SR1, SR2 Shutdown Leakage Current
µA
±0.001
±0.2
SR1, SR2 Input Bias Offset Current
µA
±0.04
±1
SR1, SR2 Input Bias Current
mA
1.2
2
Supply Current
V
2.7
6.5
Supply Voltage
V
1VCC
SR1, SR2 Input Common-Mode
Voltage Range
µV/
°C
10
SR1, SR2 Input Offset Voltage Drift
mV
±0.5
±2
SR1, SR2 Input Offset Voltage
µA
0.03
1
Shutdown Supply Current
V
2.4
SHDN Input High Voltage
V
0.4
SHDN Input Low Voltage
µA
±0.5
SHDN Input Current
UNITS
MIN
TYP
MAX
PARAMETER
VCC = 2.7V
VCC = 6.5V
VCC = 6.5V, 0.3V < VOUT < 6V
VCC = 2.7V, 0.3V < VOUT < 2.4V
RL = 10kΩ
to VCC / 2
VCC = 6.5V, 0.7V < VOUT < 5.5V
VCC = 2.7V, 0.7V < VOUT < 2.2V
RL = 10kΩ, CL = 300pF
RL = 10kΩ, CL = 300pF, fo = 10kHz
degrees
60
Phase Margin
MHz
2
Gain-Bandwidth Product
Measured from 30% to 70% of VOUT, RL = 10kΩ,
CL = 300pF
V/µs
1.8
Slew Rate
Large Signal-Gain
RL = 10kΩ to VCC / 2
RL = 500Ω to VCC / 2
V
0.5
VCC - 0.5
Output Voltage Swing
dB
ERROR AMPLIFIER
GENERAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com