Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4473ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4473ESA
Description  Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin 關MAX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4473ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4473ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4473ESA Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Low-Cost, Low-Voltage, PA Power Control
Amplifier for GSM Applications in 8-Pin µMAX
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, SHDN > +2.4V, MAX4473 test circuit, RG1 = RG2 = 1kΩ ±1%, RG3 = 2.5kΩ ±1%, RSENSE = 100Ω ±1%, RL
= 10k
Ω, CL = 300pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +6.0V, VPC = +1.0V, TA = +25°C.)
(Note 1)
Note 1: Limits over temperature are guaranteed by design.
Note 2: No output phase-reversal for input common-mode voltage range from GND to VCC. Common-mode range limited by voltage
drop across Q1 and RG3.
Note 3: Guaranteed by design.
Note 4: Error dependent on tolerance of RG1, RG2, and RG3. Specified with 0.1% tolerance resistors.
VPC = 2.55V, SR1 = SR2 = VCC
GND < VPC < VCC - 0.15V
No sustained oscillations (Note 3)
Measure voltage across RG1, 0.3V < VPC < 2.55V (Note 4)
Bandwidth from VPC to VRG1
CONDITIONS
mA
0.750
4
SR3 Output Current Limit
µA
±0.04
±1
pF
0
300
Capacitive Load Stability
PC Input Bias Current
V/V
0.095
0.1
0.105
VPC to VRG1 Ratio
MHz
2
PC Input Bandwidth
UNITS
MIN
TYP
MAX
PARAMETER
Typical Operating Characteristics
(See
Test Circuit, TA = +25°C, unless otherwise noted.)
0.4
0.6
1.0
0.8
1.2
1.4
2.5
3.5
4.0
3.0
4.5
5.0
5.5
6.0
6.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
SHDN = VCC
PC = GND
0.0900
0.0925
0.0950
0.0975
0.1000
0.1025
0.1050
0.1075
0.1100
02
1
3456
VRG1 / VPC RATIO vs. VPC RESPONSE
VPC (V)
VCC = 6.0V
70
0
-30
10
100
1k
10k
100k
1M
10M
ERROR-AMPLIFIER RESPONSE
-10
0
-20
MAX4473 toc03
FREQUENCY
10
20
30
40
50
60
-180
-144
-126
-162
-108
-90
-72
-54
-36
-18
PHASE
GAIN
AVCL = 1000
VCC = 6.5V
VCM = VCC / 2
VPC = 0
100k
ERROR
AMPLIFIER
100
Ω
10k
300pF
OUT
500mV/div
SHDN
2V/div
ENABLE/DISABLE TIME
500ns/div
VCC = 6.5V
VPC = 2V
GND
GND
0
0.10
0.05
0.20
0.15
0.25
0.30
-40
10
-15
35
60
85
ERROR-AMPLIFIER
OUTPUT LOW VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 6.5V, RL = 10kΩ to VCC / 2
VCC = 2.7V, RL = 10kΩ to VCC / 2
VCC = 6.5V, RL = 500Ω to VCC / 2
VCC = 2.7V, RL = 500Ω to VCC / 2
0.15
0.10
0.05
0
0.25
0.20
0.35
0.30
0.40
0.45
-40
10
-15
35
60
85
ERROR-AMPLIFIER
OUTPUT HIGH VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 2.7V, RL = 10kΩ to VCC / 2
VCC = 6.5V, RL = 500Ω to VCC / 2
VCC = 6.5V, RL = 10kΩ to VCC / 2
VCC = 2.7V, RL = 500Ω to VCC / 2
From 50% of SHDN edge to VOUT = 1V, VPC = 2V
µs
0.9
1.5
Enable/Disable Time
GAIN CONTROL BUFFER AND V-TO-I CONVERTER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com