Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4534CSD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4534CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534CSD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4534CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = 0, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMIN, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
210
+25°C
CL = 1nF, VNO_ = 0, RS = 0,
Figure 5
pC
ns
Enable Turn-On Time
100
250
+25°C
VCOM_ = 10V, RL = 2k
Ω,
Figure 3
ns
tOFF
Enable Turn-Off Time
350
Q
C, E
50
100
+25°C
Charge Injection (Note 7)
VCOM_ = 10V, RL = 2k
Ω,
Figure 4
ns
-62
tBBM
RL = 50
Ω, VNO_ = 1VRMS,
f = 1MHz, Figure 6
Break-Before-Make Time Delay
dB
VISO
Off-Isolation (Note 8)
700
220
500
tON
VCOM_ = 10V, RL = 2k
Ω,
Figure 3
C, E
+25°C
dB
-65
VCT
Channel-to-Channel Crosstalk
(Note 9)
RL = 50
Ω, VNO_ = 1VRMS,
f = 1MHz, Figure 7
VNO_ = 25V
RCOM_
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
TA
µA
-1
1
IA_, IEN
Input Logic Current
V
0.8
VA_L,
VENL
Input Logic Voltage Low
V
2.4
VA_H,
VENH
Input Logic Voltage High
mV
V- - 400
V+ + 400
Fault Trip Threshold
COM_ ON Output Resistance,
Supply On
k
Ω
2.4
6
COM_ ON Output Current,
Supply On
nA
23
5
ICOM_
-20
20
V
-25
25
VNO_
Fault-Protected Analog Signal
Range (Note 6)
µA
-5
5
-20
0.1
20
INO_
NO_ Input Leakage Current,
Supply Off
INO_
NO_ Input Leakage Current,
Supply On
-1
1
ICOM_
COM_ Output Leakage Current,
Supply On
-20
20
-5
5
VA_= VEN = 0.8V or 2.4V
Applies with all power on
RL = 1k
Ω
VNO_= ±40V, V+ = 0
VNO_ = ±25V, VCOM_ = 0,
VNO_ = ±25V,
VCOM = 0
VNO_ = 25V
+25°C
+25°C
C, E
+25°C
+25°C
C, E
+25°C
C, E
+25°C
µA
Applies with all power off
-40
40
nA
µA
nA
nA
FAULT PROTECTION
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com