Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4534CSD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4534CSD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534CSD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4534CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 9Page - Maxim Integrated Products MAX4534CSD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
µA
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
6
_______________________________________________________________________________________
Typical Operating Characteristics
(V+ = +15V, V- = -15V, TA = +25°C, unless otherwise noted.)
0
200
100
400
300
600
500
700
900
800
1000
-20
-10
-5
-15
0
5
10
15
20
ON-RESISTANCE vs.
VCOM (DUAL SUPPLIES)
VCOM (V)
V+ = +15V
V- = -15V
V+ = +10V
V- = -10V
V+ = +20V
V- = -20V
V+ = +4.5V
V- = -4.5V
0
200
100
400
300
600
500
700
900
800
1100
1000
010
15
5
2025303540
ON-RESISTANCE vs.
VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = +9V
V+ = +15V
V+ = +20V
V+ = +30V
V+ = +36V
V+ = +12V
0
200
100
400
300
500
600
-15
-5
0
-10
5
10
15
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
V+ = +15V
V- = -15V
+125°C
+25°C
+70°C
-55°C
-40°C
+85°C
+25°C
All VA__ = VEN = 0 or 12V
936
V+ Supply Current
I+
75
150
µA
C, E
V
V+
Power-Supply Range
250
TA
CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = 0, VA_H = VENH = 2.4V, VA_L = VENL = 0.8V, TA = TMIN to TMIN, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
Note 3:
Algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5:
Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at TA = 25°C.
Note 6:
NO_ pins are fault protected, and COM_ pins are not fault protected. The max input voltage, on NO_ pins, depends upon
the COM_ load configuration. Generally, the max input voltage is ±25V, with ±15V supplies, and a load referred to ground.
For more detailed information, see the NO_ Input Voltage section.
Note 7:
Guaranteed by design.
Note 8:
Off-isolation = 20 log10 (VCOM_ / VNO_), VCOM_ = output, VNO_ = input to off switch.
Note 9:
Between any two analog inputs.
Note 10: Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
+25°C
All VA__ = VEN = 5V
150
275
C, E
375
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com