Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4550CWI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4550CWI
Description  Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4550CWI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4550CWI Datasheet HTML 1Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 2Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 3Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 4Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 5Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 6Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 7Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 8Page - Maxim Integrated Products MAX4550CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Channel-to-Channel Crosstalk
VCTA(A)
ICOM_ _ = 1mA
Serially Controlled, Dual 4x2, Clickless
Audio/Video Analog Crosspoint Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ANALOG ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±5%, V- = -5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Signals on NO_ _, S_, or COM_ _ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
V+ to GND ............................................................... -0.3V to +6V
V+ to V-................................................................-0.3V to +13.2V
V- to GND .................................................................+0.3V to -6V
NO_ _ , S_, BIAS_, COM_ _, Q_, A1, DOUT to GND
(Note 1)...............................................(V- - 0.3V) to (V+ + 0.3V)
CS, SCLK, DIN, SCL, SDA, A0 to GND ....................-0.3V to +6V
Continuous Current into Any Terminal..............................±10mA
Peak Current, NO_ _ , S_ , COM_ _
(pulsed at 1ms, 10% duty cycle max) ..........................±40mA
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derate 9.52mW/°C above +70°C) .........762mW
28-Pin Wide SO (derate 12.5mW/°C above +70°C) ...1000mW
Operating Temperature Ranges
MAX4550C_I/MAX4570C_I ...............................-0°C to +70°C
MAX4550E_I/MAX4570E_I ..............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
ICOM_ _ = 4mA,
VNO_ _ or VS_ = ±3.0V,
V+ = 4.75V, V- = -4.75V
CONDITIONS
Ω
43
80
RON
On-Resistance
V
V-
V+
VNO_ _,
VCOM_ _,
VS_
Analog Signal Range (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
-110
TA = +25°C
TA = TMIN to TMAX
100
ICOM_ _ = 4mA,
VNO_ _ or VS_ = ±3.0V,
V+ = 4.75V, V- = -4.75V
Ω
5
10
∆RON
COM_ _ to NO_ _ or S_
On-Resistance Match Between
Channels (Note 4)
TA = +25°C
TA = TMIN to TMAX
10
ICOM_ _ = 4mA;
VNO_ _ or VS_ = ±3.0V, 0;
V+ = 4.75V; V- = -4.75V
Ω
4
5
∆RFLAT(ON)
COM_ _ to NO_ _ or S_
On-Resistance Flatness
(Note 5)
TA = +25°C
TA = TMIN to TMAX
8
VNO_ _ or VS_ = ±4.5V,
VCOM_ = –+4.5V,
V+ = 5.25V, V- = -5.25V
nA
-1
0.01
1
NO_(OFF)
NO_ _ or S_ Off-Leakage
Current (Note 6)
TA = +25°C
TA = TMIN to TMAX
-10
10
VNO_ _ or VS_ = ±4.5V,
VCOM_ = –+4.5V,
V+ = 5.25V, V- = -5.25V
nA
-5
0.01
5
ICOM_(OFF)
COM_ _ Off-Leakage Current
(Note 6)
TA = +25°C
TA = TMIN to TMAX
-10
10
VNO_ _ or VS_ = floating,
VCOM_ = ±4.5V,
V+ = 5.25V, V- = -5.25V
nA
-5
0.01
5
ICOM_(ON)
COM_ _ On-Leakage Current
(Note 6)
TA = +25°C
TA = TMIN to TMAX
-20
20
VNO_ _ or VS_ = 1VRMS, fIN = 20kHz,
RL = 10kΩ, three channels driven at 20kHz
dB
-95
VCTA(A)
Channel-to-Channel Crosstalk
VNO = 1VRMS, fIN = 20kHz,
RL = 10kΩ, S = GND
dB
-80
VISO(A)
Off-Isolation (Note 7)
fIN = 1kHz, RL = 1kΩ, VNO_ or VS_ = 1VRMS,
VNO_ or VS_ = 0
%
0.014
THD+N
Total Harmonic Distortion plus
Noise
Shunt switch on
Shunt switch off
ANALOG SWITCHES
AUDIO PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com