Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4550CWI Datasheet (PDF) - Maxim Integrated Products

MAX4550CWI Datasheet PDF - Maxim Integrated Products
Part # MAX4550CWI
Download  MAX4550CWI Download
File Size   170.26 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches

MAX4550CWI Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4550CWI Datasheet PDF - Maxim Integrated Products

Part # MAX4550CWI
Download  MAX4550CWI Click to download

File Size   170.26 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches

MAX4550CWI Datasheet (HTML) - Maxim Integrated Products


MAX4550CWI Product details

General Description
The MAX4550/MAX4570 serial-interface, programmable, dual 4x2 audio/video crosspoint switches are ideal for multimedia applications. Each device contains two identical crosspoint switch arrays, each with four inputs and two outputs. To improve off-isolation, use the additional crosspoint inputs SA and SB as shunts. Each output is selectively programmable for clickless or regular mode operation. A set of internal resistive voltagedividers supplies DC bias for each output when using AC-coupled inputs. Additionally, four auxiliary outputs control additional circuitry via the MAX4550/MAX4570’s 2-wire or 3-wire interface.

Features
♦ Selectable Soft Switching Mode for Clickless Audio Operation
♦ 43Ω Typical On-Resistance (±5V Supplies)
♦ 5Ω Typical On-Resistance Matching Between Channels
♦ 4Ω Typical On-Resistance Flatness
♦ 0.014% Total Harmonic Distortion with 1kΩ Load
♦ -110dB Off-Isolation at 20kHz
    -78dB Off-Isolation at 4MHz
♦ -95dB Crosstalk at 20kHz
    -54dB Crosstalk at 4MHz
♦ Serial Interface
    2-Wire, Fast-Mode, I2C-Compatible (MAX4550) 3-Wire, SPI/QSPI/MICROWIRE-Compatible (MAX4570)
♦ Four Auxiliary Outputs that Extend µP Ports
♦ Single-Supply Operation: +2.7V to +5.5V
    Dual-Supply Operation: ±2.7V to ±5.5V

Applications
    Set-Top Boxes
    PC Multimedia Boards
    High-End Audio Systems
    Video Conferencing Systems




Similar Part No. - MAX4550CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX455 MAXIM-MAX455 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4551C/D MAXIM-MAX4551C/D Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4551CEE MAXIM-MAX4551CEE Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4551CPE MAXIM-MAX4551CPE Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results


Similar Description - MAX4550CWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com