Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4548 Datasheet (PDF) - Maxim Integrated Products

MAX4548 Datasheet PDF - Maxim Integrated Products
Part # MAX4548
Download  MAX4548 Download
File Size   273.33 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches

MAX4548 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4548 Datasheet PDF - Maxim Integrated Products

Part # MAX4548
Download  MAX4548 Click to download

File Size   273.33 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches

MAX4548 Datasheet (HTML) - Maxim Integrated Products


MAX4548 Product details

General Description

The MAX4548/MAX4549 serial-interface, programmable, triple 3x2 audio/video crosspoint switches are ideal for multimedia applications. The devices include three crosspoint switch matrices, each containing three inputs and two outputs. To improve off-isolation, each switch matrix has a shunt input and each output is selectively programmable for clickless or regular-mode operation. A selectable set of internal resistive voltage dividers supplies DC bias for each output when using AC-coupled inputs. To improve crosstalk, the voltage dividers include four externally accessible bypass points.



Features

♦ Selectable Soft-Switching Mode for “Clickless” Audio Operation

♦ 22Ω Typical On-Resistance (+5V Supply)

♦ 5Ω Typical On-Resistance Matching Between Channels

♦ 2Ω Typical On-Resistance Flatness

♦ Audio Performance

   -85dB Off-Isolation at 20kHz

   -85dB Crosstalk at 20kHz

   0.07% THD with 600Ω Load

♦ Video Performance

   -72dB Off-Isolation at 10MHz

   -55dB Crosstalk at 10MHz

♦ Serial Interface

   2-Wire I2C-Compatible (MAX4548)

   3-Wire SPI/QSPI/MICROWIRE-Compatible (MAX4549)

♦ Single-Supply Operation from +2.7V to +5.5V



Applications

  Set-Top Boxes

  PC Multimedia Boards

  Video Conferencing Systems

  High-End Audio Systems

  Security Systems



 




Similar Part No. - MAX4548

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4540 MAXIM-MAX4540 Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CAP MAXIM-MAX4540CAP Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CPP MAXIM-MAX4540CPP Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CWP MAXIM-MAX4540CWP Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
More results


Similar Description - MAX4548

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com