Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4584 Datasheet (PDF) - Maxim Integrated Products

MAX4584 Datasheet PDF - Maxim Integrated Products
Part # MAX4584
Download  MAX4584 Download
File Size   135.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled Audio/Video Switches

MAX4584 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4584 Datasheet PDF - Maxim Integrated Products

Part # MAX4584
Download  MAX4584 Click to download

File Size   135.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled Audio/Video Switches

MAX4584 Datasheet (HTML) - Maxim Integrated Products


MAX4584 Product details

General Description
The MAX4584/MAX4585 serial-interface, programmable switches are ideal for multimedia applications. Each device contains one normally open (NO) single-pole/ single-throw (SPST) switch and one single-pole/doublethrow (SPDT) switch. The MAX4584/MAX4585 feature 65Ω on-resistance, 4Ω on-resistance matching between channels, and 5Ω on-resistance flatness. Additionally, they have off-isolation of -83dB at 20kHz and -48dB at 10MHz, with crosstalk of -84dB at 20kHz and -60dB at 10MHz.

Features
♦ +2.7V to +5.5V Single-Supply Operation
♦ SPST and SPDT Switches
♦ 65Ω (max) RON with +5V Supply
♦ Audio Performance
    -83dB Off-Isolation at 20kHz
    -84dB Crosstalk at 20kHz
♦ Video Performance
    -48dB Off-Isolation at 10MHz
    -60dB Crosstalk at 10MHz
♦ Serial Interface
    2-Wire I2C Compatible (MAX4584)
    3-Wire SPI/QSPI/MICROWIRE Compatible (MAX4585)

Applications
    Cellular Phones and Accessories
    Private Mobile Radios (PMRs)
    PC Multimedia Audio/Video Routing
    Industrial Equipment
    Set-Top Boxes
    Video Conferencing
    High-End Audio Equipment




Similar Part No. - MAX4584

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX458-MAX459 MAXIM-MAX458-MAX459 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580 MAXIM-MAX4580 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580-MAX4600 MAXIM-MAX4580-MAX4600 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results


Similar Description - MAX4584

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com