Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4562 Datasheet (PDF) - Maxim Integrated Products

MAX4562 Datasheet PDF - Maxim Integrated Products
Part # MAX4562
Download  MAX4562 Download
File Size   219.32 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled, Clickless Audio/Video Switches

MAX4562 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4562 Datasheet PDF - Maxim Integrated Products

Part # MAX4562
Download  MAX4562 Click to download

File Size   219.32 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Serially Controlled, Clickless Audio/Video Switches

MAX4562 Datasheet (HTML) - Maxim Integrated Products


MAX4562 Product details

General Description
The MAX4562/MAX4563 serial-interface controlled switches are ideal for multimedia applications. Each device features 30Ω max on-resistance (RON), 5Ω RON match, and 5Ω RON flatness. Audio off-isolation and crosstalk at 20kHz is -85dB, and video off-isolation and crosstalk at 10MHz is -55dB. Both devices feature “clickless” mode operation for audio applications.
The MAX4562/MAX4563 contain two normally open single-pole/double-throw (SPDT) switches and two normally open single-pole/single-throw (SPST) switches. The MAX4562 features a 2-wire I2C™-compatible serial interface. The MAX4563 features a 3-wire SPI™/QSPI™/MICROWIRE™-compatible serial interface. Both parts are available in 16-pin QSOP packages and operate over the commercial and extended temperature ranges.

Features
♦ Selectable Soft-Switching Mode for “Clickless”
   Audio Operation
♦ 30Ω max On-Resistance
♦ Audio Performance
   -85dB Off-Isolation at 20kHz
   -85dB Crosstalk at 20kHz
   -0.007% THD
♦ Video Performance
   -55dB Off-Isolation at 10MHz
   -55dB Crosstalk at 10MHz
♦ T-Switch Configurable for Improved Off-Isolation
♦ Serial Interface
   2-Wire I2C-Compatible (MAX4562)
   3-Wire SPI/QSPI/MICROWIRE-Compatible
   (MAX4563)
♦ Single-Supply Operation from +2.7V to +5.5V

Applications
   Set-Top Boxes
   PC Multimedia Boards
   Audio Systems
   Video Conferencing Systems




Similar Part No. - MAX4562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
MAX4560 MAXIM-MAX4560 Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CEE MAXIM-MAX4560CEE Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CPE MAXIM-MAX4560CPE Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CSE MAXIM-MAX4560CSE Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
More results


Similar Description - MAX4562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com