Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4591 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4591
Description  High-Speed, Single-Supply, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4591 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4591 Datasheet HTML 1Page - Maxim Integrated Products MAX4591 Datasheet HTML 2Page - Maxim Integrated Products MAX4591 Datasheet HTML 3Page - Maxim Integrated Products MAX4591 Datasheet HTML 4Page - Maxim Integrated Products MAX4591 Datasheet HTML 5Page - Maxim Integrated Products MAX4591 Datasheet HTML 6Page - Maxim Integrated Products MAX4591 Datasheet HTML 7Page - Maxim Integrated Products MAX4591 Datasheet HTML 8Page - Maxim Integrated Products MAX4591 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Speed, Single-Supply,
Quad, SPST Analog Switches
2
_______________________________________________________________________________________
V+ to GND ..............................................................-0.3V to +17V
VIN_, VCOM_, VNC_, VNO_ (Note 1) ..................................V- to V+
Current (any terminal) .........................................................30mA
Peak Current, COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 5.70mW/°C above +70°C) .......457mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ....696mW
16-Pin Plastic DIP (derate 10.53mW/°C above+70°C) ...842mW
Operating Temperature Ranges
MAX459_C_ E .....................................................0°C to +70°C
MAX459_E_ E ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = GND = 0, VINH = 5V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to
maximum current rating.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Analog Signal Range
VCOM_,
VNO_,
VNC_
V
(Note 3)
V-
V+
C, E
On-Resistance
RON
16
20
Ω
ICOM_ = -10mA,
VNO_ or VNC_ = 10V
TA = +25°C
C, E
24
On-Resistance Match Between
Channels (Note 4)
∆RON
0.5
1
Ω
ICOM_ = -10mA,
VNO_ or VNC_ = 10V
TA = +25°C
C, E
1.5
On-Resistance Flatness
(Note 5)
RFLAT(ON)
1
1.75
Ω
ICOM_ = -10mA;
VNO_ or VNC_ = 3V, 6V,
9V
TA = +25°C
C, E
2
NO or NC Off-Leakage Current
(Note 6)
INO_(OFF)
or
INC_(OFF)
-0.1
0.01
0.1
nA
V+ = 15.5V;
VCOM_ = 14V, 1V;
VNO_ or VNC_ = 1V,
14V
TA = +25°C
C, E
-5
5
COM Off-Leakage Current
(Note 6)
ICOM_(OFF)
-0.1
0.01
0.1
nA
V+ = 15.5V;
VCOM_ = 14V, 1V;
VNO_ or VNC_ = 1V,
14V
TA = +25°C
C, E
-5
5
COM On-Leakage Current
(Note 6)
ICOM_(ON)
-0.2
0.01
0.2
nA
V+ = 15.5V;
VCOM_ = 14V, 1V;
VNO_ or VNC_ = 14V,
1V, or floating
TA = +25°C
C, E
-10
10
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com