Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4591 Datasheet (PDF) - Maxim Integrated Products

MAX4591 Datasheet PDF - Maxim Integrated Products
Part # MAX4591
Download  MAX4591 Download
File Size   171.62 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Single-Supply, Quad, SPST Analog Switches

MAX4591 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4591 Datasheet PDF - Maxim Integrated Products

Part # MAX4591
Download  MAX4591 Click to download

File Size   171.62 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Single-Supply, Quad, SPST Analog Switches

MAX4591 Datasheet (HTML) - Maxim Integrated Products


MAX4591 Product details

General Description
The MAX4591/MAX4592/MAX4593 are high-speed, precision, quad, single-pole/single-throw (SPST) analog switches designed to operate at +12V or +15V. The MAX4591 has four normally closed (NC) switches, and the MAX4592 has four normally open (NO) switches. The MAX4593 has two NO and two NC switches. All three devices offer low leakage (100pA max) and fast switching speeds (tON ≤ 80ns, tOFF ≤ 45ns).

Features
♦ Low 16Ω On-Resistance
♦ Fast Switching Times: tON = 50ns, tOFF = 30ns
♦ Guaranteed 1Ω max On-Resistance Match Between Channels
♦ Guaranteed 1.75Ω max On-Resistance Flatness over Signal Range
♦ Guaranteed 5pC max Charge Injection
♦ Improved Leakage over Temperature: 5nA max at +85°C
♦ ESD >2000V per Method 3015.7
♦ +12V or +15V Single-Supply Operation
♦ Pin Compatible with DG611/DG612/DG613, DG211/DG212/DG213

Applications
    Test Equipment
    Sample-and-Hold Circuits
    Disk Drives
    Guidance and Control Systems
    Tape Drives
    Military Radios
    Audio and Video
    Communications Systems
    Switching
    PBX, PABX
    Heads-Up Displays




Similar Part No. - MAX4591

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX459 MAXIM-MAX459 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4590 MAXIM-MAX4590 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CAE MAXIM-MAX4590CAE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CAE MAXIM-MAX4590CAE Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CPE MAXIM-MAX4590CPE Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results


Similar Description - MAX4591

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
AS1741 AMSCO-AS1741_1 Datasheet
450Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1751 AMSCO-AS1751_04 Datasheet
1Mb / 17P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com