Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED17W-24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED17W-24
Description  Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED17W-24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED17W-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED17W-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
Dimensions - IN [mm]
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.00
0.10
0.40
0.30
0.20
0.50
0.80
0.70
0.60
0.90
1.00
0%
20%
15%
10%
30%
25%
35%
40%
45%
50%
LED17W Series
200
152
AC INPUT
BLK/WHT
DC INPUT
RED/BLUE
2
1
7.0
2 x 4.0 Dia
1.5
1.5
22.5
37.5
214
40.5
2.0
27.2
152
Tc = 80°C max
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
All wires are stranded with solder dipped ends.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com