Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED17W-24 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED17W-24
Description  Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED17W-24 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED17W-24 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED17W-24 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-17W Series
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<2 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.20 Amps max at 115 Vac
Efficiency:
82% typical at max load
Maximum Power:
17W
Current Accuracy:
± 1% (when applicable)
Load Regulation:
± 3%
THD:
<_ 20% @ 120 Vac, <_ 35% @ 277 Vac
Leakage Current:
300 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -30ºC
Storage Temperature:
-40ºC to +85ºC
Maximum Case Temp.
80°C
Humidity:
5% to 95%
Cooling:
Convection
Sound Rating:
Class A
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
MTBF:
543,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
Compliant to CISPR 22 Class B, CISPR 14-1 Class B,
GB4343 1-2003, GB17625.1-2003
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED17W-36-C0470
470
18-36
17
83%
LED17W-24-C0700
700
12-24
17
82%
LED17W-12-C1400
1400
6-12
17
82%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±3%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED17W-12
•
12
350-1400
17
82%
LED17W-24
•
24
175-700
17
82%
LED17W-36
36
118-470
17
83%
Class 2:
US/Canada
E332160
Sign Components Manual
Rev 9-8-15
• Total Power: 17 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• Suitable for use signs (UL48)
• High Power Factor
• UL Sign Components Manual (S.A.M. Models)
Safety and EMC Compliance
UL/CUL
UL8750, UL1310
CSA
22.2
C E
EN61347
FCC, 47CFR Part 15 Class B
• IndicatesS.A.M.


Similar Part No. - LED17W-24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
LED171596ARSLR TI1-LED171596ARSLR Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
logo
Roithner LaserTechnik G...
LED17FC ROITHNER-LED17FC Datasheet
291Kb / 2P
Mid-Infrared Light Emitting Diode
LED17FC ROITHNER-LED17FC Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED17FC-PR ROITHNER-LED17FC-PR Datasheet
340Kb / 2P
Mid-Infrared Light Emitting Diode
More results

Similar Description - LED17W-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDC25W-072-C0350 ETC2-LDC25W-072-C0350 Datasheet
589Kb / 2P
DC to DC Switch Mode Constant Current and Constant Voltage LED Drivers,Black Magic Thermal Advantage??Plastic Housing
LED12W-48-C0250 ETC2-LED12W-48-C0250 Datasheet
619Kb / 2P
Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
LED20W-40-C0350-TE ETC2-LED20W-40-C0350-TE Datasheet
677Kb / 2P
Constant Current LED Drivers ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
LED25W-72-C0350-XX ETC2-LED25W-72-C0350-XX Datasheet
811Kb / 4P
Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
Switch Mode LED Drivers - Constant Current
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
Switch Mode LED Drivers, Constant Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com