Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4560EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4560EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4560EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4560EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(VCC = +2.7V to +3.6V, V_H = +2.0V, V_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges; i.e., VON = 3V to 0 and 0 to -3V.
Note 5: Leakage parameters are 100% tested at the maximum-rated hot operating temperature and are guaranteed by correlation
at TA = +25°C.
Note 6: Guaranteed by design, not production tested.
VX_, VY_, VZ_ = 1.5V; RL = 1kΩ;
CL = 35pF; Figure 1
VCC = 2.7V; IX, IY, IZ = 0.1mA;
VX, VY, VZ = 1.5V
Ω
0.5
RON
On-Resistance
VA_, VB_,
VC_, VEN
220
400
VA, VB, VC, VEN = VCC or 0
µA
400
VA_, VB_,
VC_, VEN
Input Current Logic
High or Low
Input Logic Low
tON
-1
1
Turn-On Time
ns
C, E
C, E
VX_, VY_, VZ_ = 1.5V; RL = 1kΩ;
CL = 35pF; Figure 1
V
300
tOFF
Turn-Off Time
ns
C, E
90
250
180
350
VX, VY, VZ = 1.5V; RS = 0; CL = 1nF;
Figure 3
pC
Q
Charge Injection
+25°C
0.5
+25°C
+25°C
CONDITIONS
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA
VX_, VY_, VZ_ = 1.5V; RL = 1kΩ;
CL = 35pF; Figure 1
400
tTRANS
Address Transition Time
ns
C, E
VX_, VY_, VZ_ = 1.5V; RL = 1kΩ;
CL = 35pF; Figure 2
1.5
tOPEN
Break-Before-Make Delay
ns
180
350
C, E
+25°C
C, E
+25°C
V
VA_, VB_,
VC_, VEN
Input Logic High
1.5
C, E
C, E
450
VCC = 3.6V; VA_, VB_, VC_, VEN = 0 or VCC
µA
ICC
VCC Supply Current
1
0.5
1
+25°C
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS (Note 6)
POWER SUPPLY
C, E
-10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com