Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4560EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4560EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4560EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4560EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4560EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4558/MAX4559/MAX4560 are low-voltage,
CMOS analog ICs configured as an 8-to-1 multiplexer
(MAX4558), a dual 4-to-1 multiplexer (MAX4559), and a
triple single-pole/double-throw (SPDT) switch
(MAX4560). Each switch is protected against ±15kV
electrostatic discharge (ESD) shocks, without latchup
or damage.
These CMOS devices can operate continuously from
dual supplies of ±2V to ±6V or from a +2V to +12V sin-
gle supply. Each switch can handle Rail-to-Rail® ana-
log signals. The off-leakage current is only 1nA at
+25°C or 10nA at +85°C max.
All digital inputs have +0.8V to +2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
single +5V supply or dual ±5V supplies.
Applications
Battery-Operated Equipment
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
High-ESD Environments
Features
o ESD-Protected X, Y, Z and X_, Y_, Z_ Pins
±15kV (Human Body Model)
±12kV (IEC 1000-4-2, Air-Gap Discharge)
±8kV (IEC 1000-4-2, Contact Discharge)
o Pin-Compatible with Industry-Standard
74HC4051/74HC4052/74HC4053
o Guaranteed On-Resistance
220
Ω with Single +5V Supply
160
Ω with ±5V Supply
o RON Match Between Channels: 2
Ω (typ)
o Guaranteed Low leakage Currents
1nA Off-Leakage (at +25°C)
1nA On-Leakage (at +25°C)
o TTL-Compatible Inputs with +5V/±5V Supplies
o Low Distortion: < 0.02% (600
Ω)
o Low Crosstalk: < -93dB (50
Ω)
o High Off-Isolation: < -96dB (50
Ω)
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
X2
X1
X0
X3
A
B
C
X4
X6
X
X7
X5
ENABLE
VEE
GND
TOP VIEW
MAX4558
DIP/SO/QSOP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0
ENABLE
VEE
GND
MAX4560
DIP/SO/QSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
X2
X1
X
X0
X3
A
B
Y0
Y2
Y
Y3
Y1
ENABLE
VEE
GND
MAX4559
DIP/SO/QSOP
LOGIC
19-1443; Rev 0; 4/99
PART
MAX4558CEE
MAX4558CSE
MAX4558CPE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 Narrow SO
16 Plastic DIP
Ordering Information continued at end of data sheet.
Pin Configurations/Functional Diagrams
Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4560EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4561 MAXIM-MAX4561 Datasheet
147Kb / 11P
±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561EUT+T MAXIM-MAX4561EUT+T Datasheet
147Kb / 11P
±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561EUT-T MAXIM-MAX4561EUT-T Datasheet
234Kb / 12P
±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
More results

Similar Description - MAX4560EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com