Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK560SB Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # SK560SB
Description  5.0Amp. Surface Mount Schottky Barrier Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK560SB Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  SK560SB Datasheet HTML 1Page - Cystech Electonics Corp. SK560SB Datasheet HTML 2Page - Cystech Electonics Corp. SK560SB Datasheet HTML 3Page - Cystech Electonics Corp. SK560SB Datasheet HTML 4Page - Cystech Electonics Corp. SK560SB Datasheet HTML 5Page - Cystech Electonics Corp. SK560SB Datasheet HTML 6Page - Cystech Electonics Corp. SK560SB Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C337SB
Issued Date : 2005.12.07
Revised Date :2014.04.30
Page No. : 7/7
SK520SB-SK5100SB
CYStek Product Specification
DO-214AA/SMB Dimension
*:Typical
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.076
0.082
1.93
2.08
E
0.006
0.012
0.15
0.31
B
0.137
0.147
3.48
3.73
F
0.004
0.008
0.10
0.20
C
0.167
0.187
4.25
4.75
G
0.035
0.056
0.90
1.41
D
0.078
0.103
1.99
2.61
H
0.207
0.215
5.26
5.46
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DO-214AA/SMB Plastic
Surface Mounted Package
CYStek Package Code : SB
Marking Code :
SK520SB
SK530SB
SK540SB
SS52
SS53
SS54
SK550SB
SK560SB
SK580SB
SS55
SS56
SS58
SK5100SB
S510



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com