Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK560SB Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK560SB
Description  5.0Amp. Surface Mount Schottky Barrier Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK560SB Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK560SB Datasheet HTML 1Page - Cystech Electonics Corp. SK560SB Datasheet HTML 2Page - Cystech Electonics Corp. SK560SB Datasheet HTML 3Page - Cystech Electonics Corp. SK560SB Datasheet HTML 4Page - Cystech Electonics Corp. SK560SB Datasheet HTML 5Page - Cystech Electonics Corp. SK560SB Datasheet HTML 6Page - Cystech Electonics Corp. SK560SB Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C337SB
Issued Date : 2005.12.07
Revised Date :2014.04.30
Page No. : 1/7
SK520SB-SK5100SB
CYStek Product Specification
5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SB thru SK5100SB
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, SMB/JEDEC DO-214AA.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Mounting Position : Any.
• Weight: 0.0878 gram
Ordering Information
Device
Package
Shipping
SK5X0SB - 0-T6-G
SMB
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T6 : 3000 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - SK560SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK560SC CYSTEKEC-SK560SC Datasheet
195Kb / 6P
5.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK560SB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMC520-5100SC CYSTEKEC-CSMC520-5100SC Datasheet
144Kb / 3P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SB CYSTEKEC-SK520SB Datasheet
209Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK520SC CYSTEKEC-SK520SC Datasheet
151Kb / 5P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK5150SC CYSTEKEC-SK5150SC Datasheet
213Kb / 4P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SC CYSTEKEC-SK5100SC Datasheet
195Kb / 6P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK5100SB CYSTEKEC-SK5100SB Datasheet
236Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK580SB CYSTEKEC-SK580SB Datasheet
236Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK560SC CYSTEKEC-SK560SC Datasheet
195Kb / 6P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK540SB CYSTEKEC-SK540SB Datasheet
236Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SMB520-5100SB CYSTEKEC-SMB520-5100SB Datasheet
209Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com