Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4607 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5?? Dual, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products MAX4607 Datasheet HTML 10Page - Maxim Integrated Products MAX4607 Datasheet HTML 11Page - Maxim Integrated Products MAX4607 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
10
______________________________________________________________________________________
CAPACITANCE
METER
NC OR NO
COM
GND
C
V-
-15V
IN
0 or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
MAX4607
MAX4608
MAX4609
Figure 6. Switch Off-Capacitance Test Circuit
CAPACITANCE
METER
NC OR NO
COM
GND
C
V-
-15V
IN
0 or
2.4V
C
+15V
VL
+5V
f = 1MHz
V+
MAX4607
MAX4608
MAX4609
Figure 7. Switch On-Capacitance Test Circuit
PART
MAX4608CSE
MAX4608CPE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Narrow SO
16 Plastic DIP
MAX4608ESE
-40°C to +85°C
16 Narrow SO
MAX4608EPE
-40°C to +85°C
16 Plastic DIP
Ordering Information (continued)
MAX4609CSE
MAX4609CPE
0°C to +70°C
0°C to +70°C
16 Narrow SO
16 Plastic DIP
MAX4609ESE
-40°C to +85°C
16 Narrow SO
MAX4609EPE
-40°C to +85°C
16 Plastic DIP
Chip Information
TRANSISTOR COUNT: 100
Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com